Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 33 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 33 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 26Page - RF Micro Devices RF2483 Datasheet HTML 27Page - RF Micro Devices RF2483 Datasheet HTML 28Page - RF Micro Devices RF2483 Datasheet HTML 29Page - RF Micro Devices RF2483 Datasheet HTML 30Page - RF Micro Devices RF2483 Datasheet HTML 31Page - RF Micro Devices RF2483 Datasheet HTML 32Page - RF Micro Devices RF2483 Datasheet HTML 33Page - RF Micro Devices RF2483 Datasheet HTML 34Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
33 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 2700MHz Application Circuit
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
2400
2500
2600
2700
2800
2900
3000
Frequency(MHz)
High Band Return Loss versus Frequency
LO HB port
RFOUT HB Port
-70
-60
-50
-40
-30
-20
-10
0
10
-70
-60
-50
-40
-30
-20
-10
0
10
-10
-8-6-4-2
0
2
4
6
8
LO Power (dBm)
High Band Modulator Performance versus LO Power
LO=2700MHz, Vcc=2.7V, GC=2V, IQ=100kHz 800mVp-p
Output Power(dBm)
Carrier Suppresion (dBc)
3rd Harmonic (dBc)
Sideband Suppression (dBc)
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
Gain Control (V)
High Band Modulation's 3rd Harmonic versus Gain
Control - LO=2700MHz 0dBm, IQ=100kHz 800mVp-p 1.2VDC
Vcc=2.7V
Vcc=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com