Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5521 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5521
Description  3.3V, SWITCH AND LNA FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5521 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5521 Datasheet HTML 1Page - RF Micro Devices RF5521 Datasheet HTML 2Page - RF Micro Devices RF5521 Datasheet HTML 3Page - RF Micro Devices RF5521 Datasheet HTML 4Page - RF Micro Devices RF5521 Datasheet HTML 5Page - RF Micro Devices RF5521 Datasheet HTML 6Page - RF Micro Devices RF5521 Datasheet HTML 7Page - RF Micro Devices RF5521 Datasheet HTML 8Page - RF Micro Devices RF5521 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF5521
DS130715
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.5
V
Stability, Output VSWR
5:1
Antenna Port Nominal Impedance
50
Ω
Full Spec Compliant Temperature
Range
-10 to +75
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
LNA Input Power (no damage)
5
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Compliance
IEEE802.11b/g/n, FCC CFR 15.247,.205,.209,
EN & JDEC. VDD=3.3V, LNA EN=2.85V,
Temp=+25°C, Freq=2.4GHz to 2.5GHz, unless
noted otherwise.
Operating Frequency
2.4
2.5
GHz
LNA Voltage Supply (VDD)
3.0
3.3
4.5
V
LNA Enable Voltage (LNA_En)
2.70
2.85
4.5
V
LNA Enabled
0
0.2
V
LNA Off.
Switch Control Voltage “HIGH”
2.4
4.5
V
Switch Control Voltage “LOW”
0.2
V
LNA Bypass (LNA_EN)
2.7
4.5
V
LNA Bypass Disabled
0.2
V
LNA Bypass Enabled
LNA Current
LNA VDD
4.5
7
14
mA
LNA in “On” state.
5
μA
LNA in “Off” state.
LNA Enable
1
mA
LNA Enabled.
LNA Bypass
1
mA
LNA Bypass Mode.
Gain, WiFi Rx
9
12
14
dB
WiFi ANT-RX. (LNA_EN High)
Bypass Mode
-5.0
-4.0
-3.0
dB
WiFi ANT-RX, (LNA_EN Low)
Noise Figure
VDD>3.0V, including switch
WiFi Rx
2.0
3.0
dB
WiFi RX Mode.
Bypass Mode
4.0
5.0
dB
LNA Bypass.
Passband Ripple
-0.2
+0.2
dB
WiFi RX Mode.
-0.2
+0.2
dB
WiFi ANT-BT
Output Return Loss
7.5
12
20
dB
LNA ON
WiFi Input/Output Impedance
50
Ω
No external matching.
Cau t ion! ESD sensitive de vice.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical
performance or functional operation of the device under Absolute Maximum Rating
conditions is not implied.
RoHS status based on EU Directive 201 1/65/EU (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However,
no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for
any infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com