Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5521 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5521
Description  3.3V, SWITCH AND LNA FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5521 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5521 Datasheet HTML 1Page - RF Micro Devices RF5521 Datasheet HTML 2Page - RF Micro Devices RF5521 Datasheet HTML 3Page - RF Micro Devices RF5521 Datasheet HTML 4Page - RF Micro Devices RF5521 Datasheet HTML 5Page - RF Micro Devices RF5521 Datasheet HTML 6Page - RF Micro Devices RF5521 Datasheet HTML 7Page - RF Micro Devices RF5521 Datasheet HTML 8Page - RF Micro Devices RF5521 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
8
7
6
5
4
9
10
TX_in
NC
LNA_EN
RX_Out
Vdd
BT
C_BT
ANT
C_RX
C_TX
RF5521
3.3V, SWITCH AND LNA FRONT END MODULE
The RF5521 is designed specifically for high-performance WiFi applica-
tions in the 2.4GHz to 2.5GHz ISM band, including Personal Media Play-
ers (PMPs), digital cameras, and WiFi enabled handsets.
The RF5521 integrates the LNA with bypass and an SP3T switch of a
Front-End solution for WiFi and Bluetooth® combination systems. The inte-
grated input and output match reduces the number of external compo-
nents, keeping cost down and utilizing minimum layout area for
implementation. The RF5521 is provided in an ultra small
1.75 mmx1.75mmx0.5mm 10-pin QFN package. This LNA+Switch front-
end solution meets or exceeds the specification requirements of IEEE
802.11 b/g/n WiFi RF systems.
Features
Single Supply Voltage 3.0V to
4.5V
Integrated SP3T Switch and
LNA with Bypass
Typical gain is 12dB and
2.0dB NF in RX Mode Pin-to-
Pin
Applications
IEEE802.11b/g/n WiFi Appli-
cations
Portable Battery-Powered
Equipment
WiFi/Bluetooth®
Combination Devices
RF5521
Standard 25 piece bag
RF5521SR
Standard 100 piece reel
RF5521TR7
Standard 2500 piece reel
RF5521PCK-410
Fully Assembled Evaluation Board
DS130715
Package Style: QFN, 10-pin, 1.75mmx1.75mmx0.5mm


Similar Part No. - RF5521

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RF5506PCK-410 RFMD-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506PCK-410 QORVO-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results

Similar Description - RF5521

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
GPS LNA-Filter Front-End Module
ALM-1412-TR1G AVAGO-ALM-1412-TR1G Datasheet
192Kb / 16P
GPS LNA-Filter Front-End Module
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5611 RFMD-RF5611 Datasheet
456Kb / 10P
3.3V, SWITCH AND LNA FRONT END SOLUTION
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GN001 AVAGO-ALM-GN001 Datasheet
1Mb / 21P
GNSS Filter-LNA Front-End Module
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
GPS LNA-Filter Front-End Module
ALM-3012 AVAGO-ALM-3012 Datasheet
1Mb / 21P
GNSS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
GPS LNA-Filter Front-End Module
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
GPS LNA-Filter Front-End Module
ALM-2412 BOARDCOM-ALM-2412 Datasheet
265Kb / 13P
GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com