Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5521 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5521
Description  3.3V, SWITCH AND LNA FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5521 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5521 Datasheet HTML 2Page - RF Micro Devices RF5521 Datasheet HTML 3Page - RF Micro Devices RF5521 Datasheet HTML 4Page - RF Micro Devices RF5521 Datasheet HTML 5Page - RF Micro Devices RF5521 Datasheet HTML 6Page - RF Micro Devices RF5521 Datasheet HTML 7Page - RF Micro Devices RF5521 Datasheet HTML 8Page - RF Micro Devices RF5521 Datasheet HTML 9Page - RF Micro Devices RF5521 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RF5521
DS130715
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
ANT
C_RX
C_TX
TX_IN
LNA_EN
BT
RX_OUT
VDD
0.1uF
2.2 nH
100 pF
100 pF
100 pF
C_BT
1
2
3
8
7
6
5
4
9
10
NC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com