Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5521 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5521
Description  3.3V, SWITCH AND LNA FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5521 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5521 Datasheet HTML 1Page - RF Micro Devices RF5521 Datasheet HTML 2Page - RF Micro Devices RF5521 Datasheet HTML 3Page - RF Micro Devices RF5521 Datasheet HTML 4Page - RF Micro Devices RF5521 Datasheet HTML 5Page - RF Micro Devices RF5521 Datasheet HTML 6Page - RF Micro Devices RF5521 Datasheet HTML 7Page - RF Micro Devices RF5521 Datasheet HTML 8Page - RF Micro Devices RF5521 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RF5521
DS130715
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Switch Control Logic
*The FEM can be placed in receive WiFi and Bluetooth® modes
simultaneously with increased insertion loss.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
BT and TX Switch
Parameters
Frequency
2.4
2.5
GHz
TX Insertion Loss
0.6
1.0
dB
ANT-BT, TX-ANT
3.8
4.0
dB
C_BT (ANT-BT) and C_RX (ANT-RX) On simulta-
neously.
BT Insertion Loss
0.9
1.2
dB
ANT-BT
3.8
4.0
dB
C_BT (ANT-BT) and C_RX (ANT-RX) On simulta-
neously.
Passband Ripple
-0.2
+0.2
dB
Input P1dB
28
dBm
Switch ports only.
TX Output Power
21
23
dBm
C_TX>3.0V; 1% composite EVM (note 1)
Input Return Loss
9
10
20
dB
BT input (pin-1) and TX input (pin-4)
Output Return Loss
9
10
20
dB
BT output (pin-9) and TX output (pin-1)
Current Consumption
10
μA
Switch Leakage Current
Port Impedance
All ports.
Input
50
Ω
Receive
Output
50
Ω
Transmit
Isolation
18
20
28
dB
TX-BT (ANT to BT port in TX mode); and
TX-RX (ANT to RX port in TX mode)
Switch Control Voltage
High
2.5
4.5
V
C_TX, C_RX, C_BT
Low
0.2
V
Switch Control Current
20
μA
Per control line.
Switch Control Speed
50
nsec
ESD Human Body Model (HBM)
500
V
Class 1B; JESD22-A114
ESD Charge Device Model (CDM)
650
V
Class III; JESD22-C101
Note 1: Assumes system EVM<0.5% for input signal.
Switch Controls
MODE
C BT
C RX
C TX
LNA EN
WiFi Receive
LOW
HIGH
LOW
HIGH
WiFi Bypass
LOW
HIGH
LOW
LOW
Bluetooth®
HIGH
LOW
LOW
LOW
WiFi Transmit
LOW
LOW
HIGH
LOW
Simultaneous
WiFi/BT Receive
HIGH
HiGH
LOW
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com