Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6509 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6509 Datasheet(HTML) 3 Page - RF Micro Devices

  RF6509 Datasheet HTML 1Page - RF Micro Devices RF6509 Datasheet HTML 2Page - RF Micro Devices RF6509 Datasheet HTML 3Page - RF Micro Devices RF6509 Datasheet HTML 4Page - RF Micro Devices RF6509 Datasheet HTML 5Page - RF Micro Devices RF6509 Datasheet HTML 6Page - RF Micro Devices RF6509 Datasheet HTML 7Page - RF Micro Devices RF6509 Datasheet HTML 8Page - RF Micro Devices RF6509 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF6509
DS121128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LNA Section (continued)
LOW GAIN MODE
LNAVCC = 3.0V, LNAVREF = 3.0V, LNAVSEL =
0.0V, PABIAS = 0.0V, PAVREG = 0.0V
Gain
-6
dB
Noise Figure
6
dB
Supply Current
3
mA
LNAVCC Voltage
2.7
3.0
V
LNAVREF Logic Level HIGH
2.7
3.0
V
LNAVREF Logic Level LOW
0.0
0.3
V
LNAVSEL Logic Level HIGH
1.8
3.0
V
LNAVSEL Logic Level LOW
0.8
V
Power Down Current
10
A
LNA_EN = LOW, LNAVSEL = LOW
Transceiver Switch Section
Insertion Loss TXin-PAin
0.9
1
1.1
dB
V1S1 = 3.0V, V2S1 = 0.0V, V3S1 = 0.0V
Isolation TXin-PAin
25
27
dB
V1S1 = 0.0V, V2S1 = 3.0V, V3S1 = 0.0V or
V1S1 = 0.0V, V2S1 = 0.0V, V3S1 = 3.0V
TXin/RXout Return Loss (Thru
path)
-15
-14
dB
V1S1 = 0.0V, V2S1 = 3.0V, V3S1 = 0.0V and
V1S2 = 0.0V, V2S2 = 3.0V, V3S2 = 0.0V
TXin/RXout Return Loss (Transmit
path)‘
-9
dB
V1S1 = 3.0V, V2S1 = 0.0V, V3S1 = 0.0V and
V1S2 = 0.0V, V2S2 = 0.0V, V3S2 = 3.0V
TXin/RXout Return Loss (Receive
path)
-9
dB
V1S1 = 0.0V, V2S1 = 0.0V, V3S1 = 3.0V and
V1S2 = 3.0V, V2S2 = 0.0V, V3S2 = 0.0V
Switch Control Logic HIGH
2.7
3.0
V
Switch Control Logic LOW
0.0
0.4
V
Switch Control Current
13.0
15.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com