Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6509 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6509 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF6509 Datasheet HTML 2Page - RF Micro Devices RF6509 Datasheet HTML 3Page - RF Micro Devices RF6509 Datasheet HTML 4Page - RF Micro Devices RF6509 Datasheet HTML 5Page - RF Micro Devices RF6509 Datasheet HTML 6Page - RF Micro Devices RF6509 Datasheet HTML 7Page - RF Micro Devices RF6509 Datasheet HTML 8Page - RF Micro Devices RF6509 Datasheet HTML 9Page - RF Micro Devices RF6509 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
RF6509
DS121128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Control Logic Table
SW1
SW2
LNA
PA
V1S1 V2S1 V3S1 V1S2 V2S2 V3S2
LNA
VSEL
LNA
VREF
LNA
VCC
PA
VCC1
and 2
PA
Bias
PA
VREG
PATH
High
Low
Low
Low
Low
High
High
OFF
OFF
ON
ON
ON
Tx path thru PA
LowHighLow
LowHighLow
High
OFF
OFF
X*
OFF
OFF
Tx/Rx Thru path
with 10dB attenu-
ation
Low
Low
High
High
Low
Low
Low
ON
ON
X*
OFF
OFF
Rx path thru LNA
(High gain mode)
Low
Low
High
High
Low
Low
High
ON
ON
X*
OFF
OFF
Rx path thru LNA
(Low gain mode)
High indicates logic High of >2.7V and Low indicates logic Low of <0.2V.
*An X means that the state of the pin doesn’t matter.
10db
LNA
PA
RX out/TX in
V3S1
V2S1
V1S1
1
2
3
V1S2
V2S2
V3S2
2
3
1
ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com