Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6509 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6509 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6509 Datasheet HTML 1Page - RF Micro Devices RF6509 Datasheet HTML 2Page - RF Micro Devices RF6509 Datasheet HTML 3Page - RF Micro Devices RF6509 Datasheet HTML 4Page - RF Micro Devices RF6509 Datasheet HTML 5Page - RF Micro Devices RF6509 Datasheet HTML 6Page - RF Micro Devices RF6509 Datasheet HTML 7Page - RF Micro Devices RF6509 Datasheet HTML 8Page - RF Micro Devices RF6509 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Ou tp u t
In p u t
10
In p u t
Ou tp u t
RX F ilte r
V2 S 2
V1 S 2
AN T
V3 S 2
RX o u t/ T X in
V2 S1
V1 S1
PA in 1
PA in 2
RF6509
2.7V TO 3.6V MODULE FOR INTEGRATION
WITH 900MHz SMART ENERGY AMI
The RF6509 integrates a complete solution in a single Front-End Module (FEM) for
AMR and Smart Grid solutions. The RF6509 integrates a 915MHz PA, some trans-
mit (Tx) filtering, input and output switches, a Tx or receive (Rx) attenuation path,
and an LNA with bypass mode. The RF6509 has a single-ended input and output
for optimized ease of use and implementation. The pin-out of the FEM enables
users to implement additional filtering external to the module, if needed. The device
is provided in a LGA, 32 pin, 8mm x 8mm x 1.2mm package.
Features
Tx Output Power: 29.5dBm
Tx Gain: 31dBm
Rx Gain: 18dB
Rx Noise Figure: 2.5dB
Integrated LNA with Bypass
Mode
Applications
868MHz/900MHz ISM Band
Application
Single Chip RF Front End
Module
Portable Battery Powered
Equipment
Wireless Automatic Metering
Applications
RF6509
2.7V to 3.6V Module for Integration with 900MHz Smart
Energy AMI
RF6509PCK-410
Fully Assembled Evaluation Board and 5 loose pieces.
DS121128

Package Style: LGA, 32 pin, 8mm x 8mm x 1.2mm


Similar Part No. - RF6509

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
RF6509PCK-410 QORVO-RF6509PCK-410 Datasheet
857Kb / 12P
2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
More results

Similar Description - RF6509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601 MAXIM-MAX2601_08 Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
Smart Energy Module
logo
Elite Semiconductor Mem...
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
Voltage Supply: 3.3V (2.7V~3.6V)
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
Voltage Supply: 3.3V (2.7V ~ 3.6V)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
Smart Energy Front-End Module
logo
World Produts Inc.
WPANT40001 WPI-WPANT40001 Datasheet
208Kb / 4P
Flexible Cellular Antenna for Smart Meters (AMI)
logo
Qorvo, Inc
RF6509 QORVO-RF6509 Datasheet
857Kb / 12P
2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com