Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6509 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6509 Datasheet(HTML) 5 Page - RF Micro Devices

  RF6509 Datasheet HTML 1Page - RF Micro Devices RF6509 Datasheet HTML 2Page - RF Micro Devices RF6509 Datasheet HTML 3Page - RF Micro Devices RF6509 Datasheet HTML 4Page - RF Micro Devices RF6509 Datasheet HTML 5Page - RF Micro Devices RF6509 Datasheet HTML 6Page - RF Micro Devices RF6509 Datasheet HTML 7Page - RF Micro Devices RF6509 Datasheet HTML 8Page - RF Micro Devices RF6509 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF6509
DS121128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin
Function
Description
1GND
Ground.
2RX Filter
Input
RF output to enter the Rx filter (if used), 50
 nominal impedance.
3V2S2
Logic input to the Tx Switch arm 2 , selects/deselects thru path if Logic high/low respectively, see truth table.
4V1S2
Logic input to the Tx Switch arm 1, selects/deselects Low Noise Amplifier if Logic high/low respectively, see
truth table.
5GND
Ground.
6ANT
RF output to Antenna for the Tx/thru path and RF input from Antenna for the Rx/thru path, 50
 nominal imped-
ance.
7GND
Ground.
8V3S2
Logic input to the Tx Switch arm 3, selects/deselects PA if Logic high/low respectively, see truth table.
9NC
Not connected.
10
GND
Ground.
11
PA VCC2
Collector power supply for Power Amplifier. Nominal 3.6V.
12
GND
Ground.
13
NC
Not connected.
14
PA BIAS
Power supply for the PA Bias Network. Nominal 3.6V.
15
GND
Ground.
16
PA VREG
Voltage set to PA Bias Level. Nomial 2.85V.
17
PA VCC1
Collector power supply for PA driver stage. Nominal 3.6V.
18
NC
Not connected.
19
NC
Not connected.
20
PA IN
RF Input to the PA, 50
 nominal impedance, needs to be connected externally to PA IN to SWITCH PIN through
as short as possible 50
 transmission line.
21
PA IN to
SWITCH
PA input to be connected to the Rx Switch through this pin, 50
 nominal Impedance.
22
V2S1
Logic input to the Rx switch arm 2, selects/deselects Thru path if Logic high/low respectively, see truth table.
23
V1S1
Logic input to the Rx switch arm 1, selects/deselects PA if Logic high/low respectively, see truth table.
24
GND
Ground.
25
RX OUT/TX IN Transceiver IN/OUT.
26
GND
Ground.
27
V3S1
Logic input to the Rx switch arm 3, selects/deselects LNA if Logic high/low respectively, see truth table.
28
NC
Not connected.
29
LNA VCC
Collector power cupply for LNA. Nominal 3.0V.
30
LNA VSEL
A logic low selects the high gain mode of the LNA, logic high selects the low gain mode.
31
LNA VREF
Voltage to set the bias of the LNA, nominal 3.0V, can be adjusted to shut the LNA off or set the quiescent current
of the LNA to desired level.
32
LNA IN
RF input to LNA, nominal impedance 50
, the Rx filter output should be connected to this pin, If Rx filter is
bypassed, pin 2 should be connected to this pin htough an external 50
 transmission line as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com