Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6403 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM6403
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM6403 Datasheet HTML 2Page - RF Micro Devices RFFM6403 Datasheet HTML 3Page - RF Micro Devices RFFM6403 Datasheet HTML 4Page - RF Micro Devices RFFM6403 Datasheet HTML 5Page - RF Micro Devices RFFM6403 Datasheet HTML 6Page - RF Micro Devices RFFM6403 Datasheet HTML 7Page - RF Micro Devices RFFM6403 Datasheet HTML 8Page - RF Micro Devices RFFM6403 Datasheet HTML 9Page - RF Micro Devices RFFM6403 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Revision DS20151612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
10 of 10
RFFM6403
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
GND
Ground
2
TR
Digital Input: Transmit/Receive
3
EN
Digital Input: Shutdown Mode
4
BYP
Digital Input: RX Bypass Mode
5
VAPC
Analog Input
6
GND
Ground
7
ANT
Antenna Switch Common Port, internally matched to 50
Ω, DC Blocked
8
GND
Ground
9
GND
Ground
10
SAW1
Receive side of antenna switch, internally matched to 50
Ω, DC Blocked
11
GND
Ground
12
GND
Ground
13
SAW2
RX and RX bypass input port, internally matched to 50
Ω, DC Blocked
14
NC
Not internally connected/open
15
GND
Ground
16
NC
Not internally connected/open
17
VCC_RX
3.3V power supply
18
RX
Receive output, internally matched to 50
Ω, DC Blocked
19
GND
Ground
20
TX
TX and TX bypass input port, internally matched to 50
Ω, DC Blocked
21
GND
Ground
22
GND
Ground
23
VDD
3.6V power supply
24
VCC_TX1
3.6V power supply
25
NC
Not internally connected/open
26
VCC_TX2
3.6V power supply
27
GND
Ground
28
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com