Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6403 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6403
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6403 Datasheet HTML 1Page - RF Micro Devices RFFM6403 Datasheet HTML 2Page - RF Micro Devices RFFM6403 Datasheet HTML 3Page - RF Micro Devices RFFM6403 Datasheet HTML 4Page - RF Micro Devices RFFM6403 Datasheet HTML 5Page - RF Micro Devices RFFM6403 Datasheet HTML 6Page - RF Micro Devices RFFM6403 Datasheet HTML 7Page - RF Micro Devices RFFM6403 Datasheet HTML 8Page - RF Micro Devices RFFM6403 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision DS20151612
1 of 10
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
1 of 10
RFMD + TriQuint = Qorvo
RFFM6403
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz
Transmit/Receive Module
The RFFM6403 is a single-chip front end module (FEM) for applications
in the 405MHz and 475MHz ISM Bands. The RFFM6403 addresses the
need for aggressive size reduction for typical portable equipment RF
front-end design and greatly reduces the number of components outside
of the core chipset thus minimizing the footprint and assembly cost of
the overall solution. The RFFM6403 contains an integrated 1 Watt PA,
SP2T Antenna switch, integrated Tx harmonic filter, LNA with bypass
mode, and matching components. The RFFM6403 is packaged in a 28-
pin, 6.0mm x 6.0mm x 0.975mm over-molded laminate package with
backside ground which greatly minimizes next level board space and
allows for simplified integration
.
23
CTL
LOGIC
GND
VAPC
GND
ANT
TX
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BYP
EN
RX
TR
VCC_RX
NC
GND
GND
GND
GND
GND
LNA
PA
Functional Block Diagram
Ordering Information
RFFM6403SB
5-piece bag
RFFM6403SQ
25-piece bag
RFFM6403SR
Standard 100-piece reel
RFFM6403TR13
Standard 2500-piece reel
RFFM6403PCK-410
Fully assembled eval board w/5-piece sample bag
Package: LGA, 28-pin,
6.0mm x 6.0mm x 0.975mm
Features
■ Integrated 50Ω Input/Output Match
■ Tx Output Power: 30dBm
■ Separate Tx/Rx 50 Ω transceiver
interface
■ Integrated PA, filtering LNA with
Bypass Mode
■ Transmit Thru path
Applications
■ 400MHz ISM Bands
■ Single Chip RF Front End Module
■ Wireless Automatic Metering
■ Portable Battery Powered
Equipment
■ Smart Energy
RFFM6403


Similar Part No. - RFFM6403

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401PCK-410 RFMD-RFFM6401PCK-410 Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SB RFMD-RFFM6401SB Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SR RFMD-RFFM6401SR Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401TR13 RFMD-RFFM6401TR13 Datasheet
533Kb / 7P
3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
More results

Similar Description - RFFM6403

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com