Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6403 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6403
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6403 Datasheet HTML 1Page - RF Micro Devices RFFM6403 Datasheet HTML 2Page - RF Micro Devices RFFM6403 Datasheet HTML 3Page - RF Micro Devices RFFM6403 Datasheet HTML 4Page - RF Micro Devices RFFM6403 Datasheet HTML 5Page - RF Micro Devices RFFM6403 Datasheet HTML 6Page - RF Micro Devices RFFM6403 Datasheet HTML 7Page - RF Micro Devices RFFM6403 Datasheet HTML 8Page - RF Micro Devices RFFM6403 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision DS20151612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 10
RFFM6403
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Bypass Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 1.8V,
Measured Path = SAW2 to RX, Temperature = 25ºC
Insertion Loss
2
dB
IDD Quiescent
200
µA
IP1dB
19
dBm
IIP3
42
44
dBm
Input Return Loss
7.5
dB
Output Return Loss
7
dB
Antenna Switch
Measured ANT to SAW1, RX & RX BYPASS Modes
Insertion Loss
0.5
0.6
dB
Input Return Loss
15.5
16.0
dB
Output Return Loss
15.5
16.0
dB
Isolation
Isolation
30
ANT to SAW1, module in Transmit Bypass Mode
50
dB
ANT to SAW1, module in Transmit High Power Mode
Logic
EN, TR, BYP
Control Logic HIGH
1.6
4.0
V
Max Control Logic High = VDD - 0.2VDC
Control Logic LOW
0.2
0.3
V
Control Logic HIGH Current
1.5
µA
Control Logic LOW Current
0.1
µA
VAPC HIGH Current
57
µA
Across all rated voltages at rated power
Switch Control Truth Table
Operating Mode
TR
EN
BYP
PA
LNA
(Pin2)
(Pin3)
(Pin4)
Transmit
High
High
Low
ON
OFF
Transmit Bypass
High
High
High
OFF
OFF
Receive
Low
High
Low
OFF
ON
Receive Bypass
Low
High
High
OFF
OFF
Shutdown
X
Low
X
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com