Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM6403 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6403
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6403 Datasheet HTML 1Page - RF Micro Devices RFFM6403 Datasheet HTML 2Page - RF Micro Devices RFFM6403 Datasheet HTML 3Page - RF Micro Devices RFFM6403 Datasheet HTML 4Page - RF Micro Devices RFFM6403 Datasheet HTML 5Page - RF Micro Devices RFFM6403 Datasheet HTML 6Page - RF Micro Devices RFFM6403 Datasheet HTML 7Page - RF Micro Devices RFFM6403 Datasheet HTML 8Page - RF Micro Devices RFFM6403 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision DS20151612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 10
RFFM6403
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit High Power Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 2.25V, EN = 1.8V, TR = 1.8V, BYP = 0.2V,
Measured Path=TX to ANT, Temperature = 25ºC
Output Power
30.0
30.5
dBm
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
28.5
dBm
VCCTx1, VCCTx2= 2.7V, PIN = +10dBm
Output P3dB
30.5
dBm
VCCTx1, VCCTx2 = 3.6V
Input Return Loss
13
dB
Output Return Loss Small Signal
7.5
dB
Operating Current
1000
1250
1400
mA
POUT = 30.5dBm, ICC TX1 + ICC TX2
Quiescent Current
120
mA
ICC TX1 + ICC TX2, RF = Off
IDD
14
POUT = 31.0dBm
Second Harmonic
-65
dBc
POUT = 30.5dBm, Fo= 405MHz
-67
dBc
POUT = 30.5dBm, Fo= 413MHz to 475MHz
Third - Tenth Harmonic
-70
dBc
POUT = 30.5dBm
Gain
20.0
20.5
dB
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
18.5
dB
VCCTx1, VCCTx2= 2.7V, PIN = +10dBm
Output Power Variation
-0.4
-0.4
dB
Over frequencies and voltage
Module PAE
25
%
VCCTx1, VCCTx2 = 3.6V, POUT = 30dBm (takes into account filter and switches)
PA PAE
54
%
VCCTx1, VCCTx2 = 3.6V, POUT = 30dBm (Excludes losses of module filter and
switches)
Transmit Bypass Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V,
VAPC = 0.0V, EN = 1.8V, TR = 1.8V, BYP = 1.8V,
Measured Path=TX to ANT, Temperature = 25ºC
Insertion Loss
2.5
3.0
dB
Input P1dB
26
30
dBm
Input IP3
43
45
dBm
Input Return Loss
15
dB
Output Return Loss
15
dB
Second Harmonic Attenuation
30
dB
Second Harmonic Insertion Loss
Third - Tenth Harmonic Attenuation
50
dB
Third-Tenth Harmonic Insertion Loss
Receive Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 0.2V,
Measured Path = SAW2 to RX, Temperature = 25ºC
IP1dB
-12
-6
dBm
Gain
14
15
16
dB
Operating Current
4
5
7
mA
IDD
1
mA
Noise Figure
1.9
2.7
dB
IIP3
1
3
5
dBm
Input Return Loss
10
dB
Output Return Loss
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com