Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM7600SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM7600SQ
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM7600SQ Datasheet HTML 1Page - RF Micro Devices RFFM7600SQ Datasheet HTML 2Page - RF Micro Devices RFFM7600SQ Datasheet HTML 3Page - RF Micro Devices RFFM7600SQ Datasheet HTML 4Page - RF Micro Devices RFFM7600SQ Datasheet HTML 5Page - RF Micro Devices RFFM7600SQ Datasheet HTML 6Page - RF Micro Devices RFFM7600SQ Datasheet HTML 7Page - RF Micro Devices RFFM7600SQ Datasheet HTML 8Page - RF Micro Devices RFFM7600SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current
1000
mA
A Input RF Power
+10*
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
*Maximum Input Power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
T = 25°C, VCC = 5V, VREG = 2.85V, PDOWN = 2.85V;
Frequency
2570
2620
MHz
LTE Band 38
Compliance: LTE Downlink; using a 20MHz, LTE DL
ETM1.1 waveform, unless otherwise noted.
Output Power
24
24.5
dBm
ACP (adjacent Channel)
-48
-45
dBc
At rated POUT
EVM
3
%
Operating Current
700
mA
At POUT = 24dBm
Quiescent Current
575
mA
Frequency
2500
2700
MHz
LTE Band 41
Compliance: LTE Downlink; using a 20MHz, LTE DL
ETM1.1 waveform, unless otherwise noted.
Output Power
23
24
dBm
ACP (adjacent Channel)
-48
-41
dBc
At rated POUT
EVM
3
%
Operating Current
700
mA
At POUT = 24dBm
Quiescent Current
575
mA
TX Other
Compliance: LTE Downlink; using a 20MHz, LTE DL
ETM1.1 waveform, unless otherwise noted.
2nd Harmonic
-45
-38
dBm/MHz
At rated POUT
3rd Harmonic
-50
dBm/MHz
Frequency
2500
2700
MHz
Compliance: IEEE802.16e, using a 10MHz,
IEEE802.6e waveform, unless otherwise noted.
802.16e Output Power
27
dBm
25°C 10MHz 802.16e mask
EVM
2.5
3
%
Gain
32
34
dB
Gain Variation
-2
2
dB
Gain in Low Gain/Power Mode
15
dB
VREG2 = 0V
Operating Current
825
mA
Quiescent Current
575
mA
2nd Harmonic
-43
dBm/MHz
Over all conditions
3rd Harmonic
-50
dBm/MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com