Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM7600SQ Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM7600SQ
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600SQ Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFFM7600SQ Datasheet HTML 3Page - RF Micro Devices RFFM7600SQ Datasheet HTML 4Page - RF Micro Devices RFFM7600SQ Datasheet HTML 5Page - RF Micro Devices RFFM7600SQ Datasheet HTML 6Page - RF Micro Devices RFFM7600SQ Datasheet HTML 7Page - RF Micro Devices RFFM7600SQ Datasheet HTML 8Page - RF Micro Devices RFFM7600SQ Datasheet HTML 9Page - RF Micro Devices RFFM7600SQ Datasheet HTML 10Page - RF Micro Devices RFFM7600SQ Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Note: Thermal vias for center slug “B” should be incorporated into the PCB design. The number and size of thermal vias will
depend on the application. Example of the number and size of vias can be found on the RFMD evaluation board layout.
PCB METAL LAND PATTERN
0.000
2x 0.900
2x 1.800
7x 2.700
2x 0.900
2x 1.800
7x 2.700
A = 0.400 x 0.400 mm
B = 4.400 x 4.400 mm
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A
A
A
A
A
A
20x
0.300
PCB STENCIL PATTERN
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A
A
A
A
A
A
7x 2.700
2x 1.800
2x 0.900
0.000
2x 0.900
2x 1.800
7x 2.700
3x 1.550
3x 1.550
A = 0.360 x 0360 mm
B = 1.170 x 1.179 mm
20x
0.385
B
B
B
B
B
B
B
B
Notes
Notes:
1. Shaded area represents Pin 1 location
1. Shaded area represents Pin 1 location
PCB SOLDER MASK PATTERN
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
AA
A
A
A
A
A
A = 0.550 x 0.550 mm
B = 4.550 x 4.550 mm
0.000
2x 0.900
2x 1.800
7x 2.700
2x 0.900
2x 1.800
7x 2.700
20x
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com