Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM7600SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM7600SQ
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM7600SQ Datasheet HTML 1Page - RF Micro Devices RFFM7600SQ Datasheet HTML 2Page - RF Micro Devices RFFM7600SQ Datasheet HTML 3Page - RF Micro Devices RFFM7600SQ Datasheet HTML 4Page - RF Micro Devices RFFM7600SQ Datasheet HTML 5Page - RF Micro Devices RFFM7600SQ Datasheet HTML 6Page - RF Micro Devices RFFM7600SQ Datasheet HTML 7Page - RF Micro Devices RFFM7600SQ Datasheet HTML 8Page - RF Micro Devices RFFM7600SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RFFM7600 Truth Table
Parameter
Unit
Condition
Tx General Spec
Compliance: IEEE802.16e, using a 10MHz,
IEEE802.6e waveform, unless otherwise noted.
Gain
32
34
dB
At POUT = 24dBm
Gain Variation
-2
2
dB
Input Return Loss
10
15
dB
In specified frequency band
VREG
2.82.852.9
V
IREG
810
mA
Power Detect Range
0.2
2.1
V
POUT range of 0dBm to 30dBm
PDOWN Current
11
mA
VCC = 5V, VREG =2.85V, PDOWN = 0V
Leakage Current
0.2
0.5
mA
VCC = 5V, VREG= 0V, PDOWN = 0V
Turn-on Time
0.4
1
s
Output stable to within 90% of final gain
Stability
-25
30
dBm
No spurs above -47dBm into 4:1 VSWR
No Damage into Output VSWR
10:1
50
 load at nominal pin
Max Pin (Ruggedness - 50
)
10
dBm
No damage
RX Spec
Compliance: IEEE802.16e, using a 10MHz,
IEEE802.6e waveform, unless otherwise noted.
Rx Insersion Loss
0.7
1
dB
RX to ANT isolation - in Tx
mode
26
dB
RX to TX isolation - in Tx mode
25
dB
Control
Compliance: IEEE802.16e, using a 10MHz,
IEEE802.6e waveform, unless otherwise noted.
Voltage Logic High
2.8
3.1
3.4
V
Voltage Logic Low
0
0.3
V
Control Current - Logic High
5
10
A
Control Current - Logic Low
0.1
1
A
T/R switching time
0.5
s
Other
Compliance: IEEE802.16e, using a 10MHz,
IEEE802.6e waveform, unless otherwise noted.
Thermal Resistance Rth_j
14
°C/W
ESD
Human Body Model
500
V
EIA/JESD22-114A RF Pin to Ground
500
V
EIA/JESD22-114A DC Pin to Ground
Charge Device Model
1000
V
JESD22-C101C all pins to Ground
Status
PDOWN
VTX
VRX
TX Mode
11
0
RX Mode
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com