Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM7600SQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM7600SQ
Description  5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM7600SQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM7600SQ Datasheet HTML 1Page - RF Micro Devices RFFM7600SQ Datasheet HTML 2Page - RF Micro Devices RFFM7600SQ Datasheet HTML 3Page - RF Micro Devices RFFM7600SQ Datasheet HTML 4Page - RF Micro Devices RFFM7600SQ Datasheet HTML 5Page - RF Micro Devices RFFM7600SQ Datasheet HTML 6Page - RF Micro Devices RFFM7600SQ Datasheet HTML 7Page - RF Micro Devices RFFM7600SQ Datasheet HTML 8Page - RF Micro Devices RFFM7600SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RFFM7600
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Ground connection
2GND
Ground connection
3
VCC3
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
4
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
5GND
Ground connection
6
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
7VBIAS
Supply voltage for the bias reference and control circuits.
8GND
Ground connection
9GND
Ground connection
10
TXIN
RF input is internally matched to 50
 and DC blocked.
11
GND
Ground connection
12
PDOWN
Power down pin. Apply <0.6VDC to power down the three power amplifier stages. Apply 1.75VDC to 5.0VDC
to power up. If function is not desired, Pin may be connected to VREG.
13
VREG1
First stage bias voltage. This Pin requires regulated supply for best performance.
14
VREG2
Second stage bias voltage. This Pin requires regulated supply for best performance.
15
VREG3
Third stage bias voltage. This Pin requires regulated supply for best performance.
16
PDET
Power detector provides an output voltage proportional to the RF output power level.
17
GND
Ground connection
18
RX
RF Output is internally matched to 50
 and DC blocked.
19
VRX
Switch control for RX mode
20
GND
Ground connection
21
ANT
RF Output is internally matched to 50
 and DC blocked.
22
GND
Ground connection
23
GND
Ground connection
24
VTX
Switch control for TX mode
PkG Base
GND
Ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com