Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1012 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA1012 Datasheet HTML 1Page - RF Micro Devices RFPA1012 Datasheet HTML 2Page - RF Micro Devices RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)6.5
V
Reference Current (IREF)5
mA
DC Supply Current (IC)
256
mA
CW Input Power, 2:1 Output VSWR
23
dBm
Output Load VSWR at P3dB
5:1
Operating Junction Temperature (TJ)160
°C
Operating Temperature Range (TL)
-40 to +
105
°C
Storage Temperature
-55 to +150
°C
ESD Rating: Human Body Model (HBM)
Class 1B
Moisture Sensitvity Level
MSL 1
Notes: 1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
860MHz to 960MHz
VCC = 5.0V, VREF = 5.0V, ICQ = 90mA, T = 25°C
Frequency
860
960
MHz
Evaluation Circuit
Gain (S21)
16
dB
OIP3
44
dBm
6dBm/tone, tone spacing = 1MHz
P1dB
25
dBm
Input Return Loss (S11)
16
dB
Output Return Loss (S22)
11
dB
Noise Figure
3.5
dB
T = 25°C
2110MHz to 2170MHz
VCC = 5.0V, VREF = 5.0V, ICQ = 90mA, T = 25°C
Frequency
2110
2170
MHz
Evaluation Circuit
Gain (S21)
13.9
dB
OIP3
42
dBm
6dBm/tone, tone spacing = 1MHz
P1dB
22.5
dBm
Input Return Loss (S11)
11
dB
Output Return Loss (S22)
11
dB
Noise Figure
3.2
dB
T = 25°C
Power Supply
Operating Current (Quiescent)
90
mA
At VCC = 5.0V
Operating Voltage (VCC)
5.0
6.0
V
Max recommended collector voltage
Thermal Resistance (RTH)
93.5
°C/W
At quiescent current, no RF
Power Down Current
10
AAt VREF = 0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com