Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1012 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA1012 Datasheet HTML 1Page - RF Micro Devices RFPA1012 Datasheet HTML 2Page - RF Micro Devices RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
NC
VBIAS
VREF
NC
RFIN 2
3
4
NC
RFOUT/VCC
NC
1
7
6
5
8
RFPA1012
GaAs HBT 400MHz to 2700MHz
Power Amplifier
The RFPA1012 is a GaAs HBT linear power amplifier specifically designed for wire-
less infrastructure applications. Using a highly reliable GaAs HBT fabrication pro-
cess, this high performance single-stage amplifier achieves ultra-high linearity over
a broad frequency range. It also offers low noise figure making it an excellent solu-
tion for 2nd and 3rd stage LNAs.
Features
High Linearity: OIP3 = 44dBm at
900MHz
Low Noise: NF = 3.5dB at
900MHz
Low DC Power: 5V, 90mA
400MHz to 2700MHz Operation
Applications
GaAs Pre-Driver for Base Station
Amplifiers
PA Stage for Commercial
Wireless Infrastructure
Class AB Operation for DCS, PCS,
UMTS, and WiFi Transceiver
Applications
2nd/3rd Stage LNA for Wireless
Infrastructure
DS150622
Package Style: DFN, 8-Pin, 2mm x 2mm
RFPA1012
GaAs HBT
400MHz to
2700MHz
Power Ampli-
fier
RFPA1012SQ
Sample bag with 25 pieces
RFPA1012SR
7” Sample reel with 100 pieces
RFPA1012TR7
7” Reel with 2500 pieces
RFPA1012PCK-411 860MHz to 960MHz PCBA with 5-piece sample bag
RFPA1012PCK-412 2110MHz to 2170MHz PCBA with 5-piece sample bag


Similar Part No. - RFPA1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
No Power Supply Sequencing
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702PCBA-410 RFMD-RFPA1702PCBA-410 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702S2 RFMD-RFPA1702S2 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702SB RFMD-RFPA1702SB Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
More results

Similar Description - RFPA1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com