Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1012 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFPA1012 Datasheet HTML 3Page - RF Micro Devices RFPA1012 Datasheet HTML 4Page - RF Micro Devices RFPA1012 Datasheet HTML 5Page - RF Micro Devices RFPA1012 Datasheet HTML 6Page - RF Micro Devices RFPA1012 Datasheet HTML 7Page - RF Micro Devices RFPA1012 Datasheet HTML 8Page - RF Micro Devices RFPA1012 Datasheet HTML 9Page - RF Micro Devices RFPA1012 Datasheet HTML 10Page - RF Micro Devices RFPA1012 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
(2110MHz to 2170MHz Application Circuit)
Evaluation Board Build of Materials (BOM)
(2110MHz to 2170MHz Application Circuit)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
PCB, PA1012-412
Merix Corporation
RFPA1012-412(A)
PA1012
U1
RFMD
RFPA1012SB
CAP, 10pF, 5%, 50V, C0G, 0402
C2, C11, C23
Johanson Technology
500R07S100JV4TD
CAP, 3.3pF, +/-0.1pF, 50V, HI-Q, 0402
C5
Johanson Technology
500R07S3R3BV4TD
CAP, 0.7pF, +/-0.1pF, 50V, HI-Q, 0402
C6-C7
Johanson Technology
500R07S0R7BV4TD
CAP, 2.4pF, +/-0.1pF, 50V, HI-Q, 0402
C8
Johanson Technology
500R07S2R4BV4TD
CAP, 1000pF, 10%, 50V, X7R, 0402
C18, C22
Murata Electronics
GRM155R71H102KA01E
CAP, 1µF, 10%, 16V, X7R, 0603
C20
Murata Electronics
GRM188R71C105KA12D
RES, 0
Ω, 0402
L1
Kamaya, Inc
RMC1/16SJPTH
IND, 20nH, 5%, W/W, 0402
L2, R2
Coilcraft, Inc
0402CS-20NXJLW
IND, 1.6nH, +/-0.1nH, T/F, 0402
L3
Murata Electronics
LQP15MN1N6B02D
FER, BEAD, 220
Ω, 2A, 0603
R1
Murata Electronics
BLM18EG221SN1D
RES, 2K, 5%, 1/16W, 0402
C1, R4
Panasonic Industrial Co.
ERJ-2GEJ202
RES, 1.5K, 1%, 1/16W, 0402
R5
Panasonic Industrial Co.
ERJ-2RKF1501X
RES, 100
Ω, 1%, 1/10W, 0402
R6
Panasonic Industrial Co.
ERJ-2RKF1000X
CONN, HDR, ST, PLRZD, 2-PIN, 0.100"
P1-P2
ITW Pancon
MPSS100-2-C
CONN, SMA, END LNCH, FLT, 0.062"
J1-J2
Emerson Network Power
142-0701-821
DNP
C3-C4, C9-C10, C12-C17, C19, C21, L4, R3
NC
1
RF_IN
2
NC
3
NC
4
NC
5
VREG
6
RF_OUT
7
VBIAS
8
NC
RF_IN
NC
NC
NC
VREG
RF_OUT
VBIAS
U1
PA1012
C6
0.7pF
C5
3.3pF
C2
10pF
C18
1000pF
R6
100
L2
20nH
L3
1.6nH
C7
0.7pF
C8
2.4pF
C11
10pF
1
2
P2
HDR_1X2
1
2
P1
J1
RFin
J2
RFout
R5
1.5K
VREG
VCC
R1
260 Ferrite
R4
2K
C20
1uF
C1
2K
R2
20nH
C23
10pF
C22
1000pF
L1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com