Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1012 Datasheet (PDF) - RF Micro Devices

Part # RFPA1012
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
File Size   1038.58 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFPA1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
No Power Supply Sequencing
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702PCBA-410 RFMD-RFPA1702PCBA-410 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702S2 RFMD-RFPA1702S2 Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702SB RFMD-RFPA1702SB Datasheet
911Kb / 9P
17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
More results


Similar Description - RFPA1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com