Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02203AD-R7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA02203AD-R7
Description  3.6 V, 450 mW DECT RF Power Amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02203AD-R7 Datasheet(HTML) 3 Page - Tyco Electronics

  MA02203AD-R7 Datasheet HTML 1Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 2Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 3Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 4Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD
V 1.0
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.
Board Layout
Sample Test Board
50 Ohm Lead Transition
Typical Performance Curves
Output Power and Current vs. Input Power
0
5
10
15
20
25
30
-10
-5
0
5
PIN, Input Power (dBm)
0.0
0.2
0.4
0.6
POUT
IDD
f = 1.89 GHz
VDD = 3.6 V
Output Power, PAE, and VSWR vs. Frequency
0
5
10
15
20
25
30
35
40
45
1.7
1.8
1.9
2
ƒ, Frequency (GHz)
1:1
2:1
3:1
4:1
POUT
η
PIN = +2 dBm
VDD = 3.6 V
VSWR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com