Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02203AD-R7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA02203AD-R7
Description  3.6 V, 450 mW DECT RF Power Amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02203AD-R7 Datasheet(HTML) 4 Page - Tyco Electronics

  MA02203AD-R7 Datasheet HTML 1Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 2Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 3Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 4Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
4
Visit www.macom.com for additional data sheets and product information.
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD
V 1.0
Output Power and Current vs. Supply Voltage
0
5
10
15
20
25
30
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VDD, Supply Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
ƒ =1.89 GHz
PIN = +2 dBm
POUT
IDD
Output Power and Current vs. Frequency, Ts = -40
oC
0
5
10
15
20
25
30
1.7
1.8
1.9
2
ƒ, Frequency (GHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
P
OUT
IDD
P
IN = +2 dBm
VDD = 3.6 V
T
s = -40 °C
Output Power and Current vs. Temperature
0
5
10
15
20
25
30
-50
-25
0
25
50
75
T
S, Operating Temperature (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
I
DD
P
OUT
P
IN = +2 dBm
V
DD = 3.6 V
Harmonics
-40
-30
-20
-10
0
10
20
30
ƒο
2ƒο
3ƒο
4ƒο
5ƒο
Frequency
ƒ
o = 1.89 GHz
PIN = +2 dBm
VDD = 3.6 V
Output Power and Current vs. Frequency, Ts = +75
oC
0
5
10
15
20
25
30
1.7
1.8
1.9
2
ƒ, Frequency (GHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
P
OUT
IDD
P
IN = +2 dBm
VDD = 3.6 V
T
s = +75 °C
Power Dissipation vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
TS, Temperature at Solder Point of Pin 11 (°C)
Slope = -1 / RTH J-S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com