Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02203AD-R7 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA02203AD-R7
Description  3.6 V, 450 mW DECT RF Power Amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02203AD-R7 Datasheet(HTML) 5 Page - Tyco Electronics

  MA02203AD-R7 Datasheet HTML 1Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 2Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 3Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 4Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
5
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02203AD
V 1.0
Application Schematic
C2
C1
+VDD
L2
RF INPUT
RF OUTPUT
60mil GETEK Board
L1
N/C
N/C
1
2
3
5
6
8
16
9
11
12
14
15
7
10
4
13
N/C
N/C
List of components:
C1 = C2 = 100 pF DLI multilayer ceramic chip capacitor (C11AH101K5TXL)
L1 = 8.2 nH Coilcraft chip inductor (1008CT.080XKBB)
L2 = 27 nH Coilcraft chip inductor (1008CS.270XKBB)
SOIC-16 Narrow Body Package
Dimensions in
millimeters
Dimensions in inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
1.35
1.60
1.75
0.053
0.063
0.068
A1
0.10
0.25
0.004
0.010
A2
1.45
0.057
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.0098
D
9.80
9.91
10.01
0.386
0.390
0.394
E
3.80
3.91
4.00
0.150
0.154
0.157
e
1.27
0.050
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
0.10
0.004
θ
0°
8°
0°
8°
NOTES:
1.
Controlling dimension: inch
2.
Lead frame material: copper alloy C151
3.
Lead thickness after solder plating will be 0.013" maximum
4.
Dimension “D” does not include mold flash, protrusions or gate
burrs
5.
Dimension “E” does not include interlead flash or protrusions
6.
Tolerance: ±0.010" unless otherwise specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com