Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02203AD-R7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02203AD-R7
Description  3.6 V, 450 mW DECT RF Power Amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02203AD-R7 Datasheet(HTML) 1 Page - Tyco Electronics

  MA02203AD-R7 Datasheet HTML 1Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 2Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 3Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 4Page - Tyco Electronics MA02203AD-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
3.6 V, 450 mW DECT RF Power
Amplifier IC
V 1.0
Features
§ Ideal for DECT Applications
§ +26.5 dBm Output Power
§ 24.5 dB Power Gain
§ Single Positive Supply
§ Class A Bias
§ No External RF Matching Required
Description
The MA02203AD is a two stage power amplifier
designed for DECT applications to have an output
power of +26.5 dBm with an input power of 2 dBm.
This power amplifier operates
at +3.6 volts with
35%
typical
power
added
efficiency.
The
MA02203AD is mounted in a narrow body 16-pin
SOIC plastic package.
The MA02203AD is fabricated using M/A-COM’s
self-aligned MSAG
®-Lite MESFET process for a low
single supply voltage, high power efficiency, and
excellent reliability.
This part is not recommended for new designs. M/A-
COM’s MA02206GJ has superior RF performance
with less DC power consumption in a smaller
package. Pricing on the MA02206GJ is also less
than the MA02203AD.
Ordering Information
Part Number
Description
MA02203AD-R7
7 inch, 1000 piece reel
MA02203AD-R13
13 inch, 3000 piece reel
Functional Schematic
GND
GND
RFIN
GND
GND
N/C
GND
GND
RFOUT
GND
GND
+VDD1
N/C
+VDD2
N/C
N/C
16 pin narrow body SOIC
Pin Configuration
Pin
Function
Description
1
N/C
Not Connected
2
VDD1
First Stage Supply Voltage
3
GND
Ground
4
GND
Ground
5
RFIN
RF Input
6
GND
Ground
7
GND
Ground
8
N/C
Not Connected
9
N/C
Not Connected
10
GND
Ground
11
GND
Ground
12
RFOUT
RF Output
13
GND
Ground
14
GND
Ground
15
VDD2
Second Stage Supply Voltage
16
N/C
Not Connected


Similar Part No. - MA02203AD-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
More results

Similar Description - MA02203AD-R7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
DECT 500 mW power amplifier
1999 Jul 21
logo
Ericsson
PBL40309 ERICSSON-PBL40309 Datasheet
84Kb / 6P
3.6 V Differential Power Amplifier for DECT Telecommunications system
logo
Tyco Electronics
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
3.6V 0.5W RF Power Amplifier IC for DECT
MA02206GJ MACOM-MA02206GJ Datasheet
112Kb / 6P
3.6V 0.5W RF Power Amplifier IC for DECT
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com