Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC for 2.4 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 2 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Electrical Specifications: VDD = +3.3 V, PIN = -2 dBm, Duty Cycle = 100 %,
TS = 37 °C (Note 1), measured on evaluation board shown in Figure 11.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Frequency Range
ƒ
2400
2500
MHz
Output Power, ƒ = 2450 MHz
POUT
25.3
26.5
—
dBm
Power Added Efficiency, ƒ = 2450 MHz
η
51
%
Current, ƒ = 2450 MHz
IDD
265
415
mA
Current for linear operation, ƒ = 2450 MHz,
PIN adjusted for POUT = 20.0 dBm +/- 0.2 dBm
IDD
415
mA
Gain, ƒ = 2450 MHz,
PIN adjusted for POUT = 20.0 dBm +/- 0.2 dBm
G
29.5
dB
Harmonics, ƒ = 2450 MHz
2ƒ, 3ƒ, 4 ƒ
-40
dBc
Input VSWR, ƒ = 2450 MHz
—
—
2.0:1
—
Off Isolation (VDD=0 V)
—
40
dB
Thermal Resistance, junction to package bottom
RTH
25
°C/W
Third Order Intercept Point
IP3
43
dBm
Load Mismatch (VDD = 5.5 V, VSWR = 8:1, PIN = 0 dBm)
—
No Degradation in Power Output
Stability (PIN = -2 to 2 dBm, VDD = 0-5.5 V, Load VSWR = 5:1,
all phases)
—
All non-harmonically related outputs more
than 60 dB below desired signal
2
1. TS is the temperature measured at the soldering point of the downset paddle on the bottom of the IC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com