Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC for 2.4 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 1 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Perfect for 802.11B, HOP, SWAP, HOMERF,
Bluetooth, WDECT, MDS, MMDS
• Single Positive Supply
• Power Added Efficiency As High As 55 Percent
• IP
3 = +43 dBm
• Output Power 26.5 dBm @ 3.3 V
• Output Power 28.5 dBm @ 5.0 V
• 100 Percent Duty Cycle
• 2200 to 2600 MHz Operation
• 8 Pin MSOP Full Downset Plastic Package
• Operates Over Wide Ranges of Supply Voltage
• Self-Aligned MSAG®-Lite MESFET Process
Description
The MA02303GJ is an RF power amplifier based on
M/A-COM’s Self-Aligned MSAG
® MESFET Process.
This product is designed for use in 2.4 GHz ISM
products.
For booster applications, it features a low
power “bypass” mode and output power control
RF Power Amplifier IC
for 2.4 GHz ISM
Functional Schematic
Absolute Maximum Ratings
1
1. Beyond these limits, the device may be damaged or device reliability
reduced. Functional operation at absolute-maximum-rated conditions is
not implied.
Package bottom is electrical and thermal ground
PIN 1
PIN 8
PIN
Function
Description
1
VD1
Drain voltage, first stage
2
RFIN / VG1
RF input and drain
voltage for first stage
3
GND
Ground
4
VG2
Gate bias voltage,
second stage
5
VG3
Gate bias voltage,
third stage
6
GND
Ground
7
RFOUT / VD3
RF output and drain
voltage for third stage
8
VD2
Drain voltage for
second stage
PIN Configuration
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
5.5
V
RF Input Power
PIN
10
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 to +150
°C
Operating Temperature
TOPER
-40 to +100
°C
Moisture Sensitivity
JEDEC Level 1
Ordering Information
Part Number
Description
MA02303GJ-R7
7 inch, 1000 piece reel
MA02303GJ-R13
13 inch, 3000 piece reel
MA02303GJ-SMB
Sample test board


Similar Part No. - MA02303GJ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ-R7 MACOM-MA02303GJ-R7 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
More results

Similar Description - MA02303GJ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
2.4 GHz ISM Band RF Application
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
2.4 GHz ISM Band RF applications
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com