Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC for 2.4 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 3 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
0
10
20
30
40
50
60
0
50
100
150
200
250
300
-10
-5
0
5
PAE
P
OUT
I
DD
P
IN
(dBm)
V
DD1, 2, 3
= 3.3 V
F = 2450 MHz
0
10
20
30
40
50
60
0.05
0.10
0.15
0.20
0.25
0.30
0.35
1
2
3
4
5
PAE
I
DD
P
OUT
P
IN
(dBm)
I
DD
PAE
P
OUT
P
IN
= -2 dBm
F = 2450 MHz
Typical Characteristics
(Measured data from process nominal devices)
Output Power, Drain Current and Efficiency
vs. Supply Voltage
3
0
10
20
30
40
50
60
-30
-25
-20
-15
-10
-5
0
2200
2300
2400
2500
2600
PAE
P
OUT
IRL
FREQUENCY (MHz)
P
IN
= - 2 dBm
V
DD
= 3.3 V
0
5
10
15
20
25
30
35
0
50
100
150
200
250
300
350
-50
0
50
100
P
OUT
I
DD
Temperature, T
S
(
oC)
P
IN
= - 2 dBm
V
DD
- 3.0 V
F = 2450 MHz
Output Power, Drain Current and
Efficiency vs. Input Power
Output Power, Input Return Loss and
Efficiency vs. Frequency
Output Power and Drain Current vs.
Temperature at VDD = +3.0 V
0
2
4
6
8
10
12
0
50
100
150
200
250
300
-10
-5
0
5
PAE
P
OUT
I
DD
P
IN
(dBm)
V
DD1, 2
= 3.3 V, V
DD3
= 0.0 V
F = 2450 MHz
Output Power, and Drain Current vs. Input
Power for Low Current “Bypass” Mode
(VDD1,2 = 3.3 V, VDD3 = 0.0 V)
0
5
10
15
20
25
30
0
100
200
300
400
500
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
P
OUT
I
DD1
I
DD2
V
DD1
(V)
Output Power, Drain Current and Efficiency
vs. VDD1 for Power Control



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com