Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R7 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA02303GJ-R7
Description  RF Power Amplifier IC for 2.4 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R7 Datasheet(HTML) 6 Page - Tyco Electronics

  MA02303GJ-R7 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R7 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
6
Designing with the MA02303GJ
The MA02303GJ is built using a near-enhancement mode FET that operates from a single supply voltage. A negative
voltage is not required because the FET is designed to operate with a +0V DC gate bias.
There is no impedance matching or RF choking on this IC – these functions are supplied externally. This approach
offers the highest level of performance, the lowest bill of materials cost, and far fewer components than a discrete de-
sign.
To duplicate MA02303GJ data sheet performance, your circuit board must recreate the same impedances developed on
this evaluation board. The table below has one-port s-parameter measurements looking into the traces on the evalua-
tion board. S-parameters of the MA02303GJ are not supplied because the device is designed to operate under large-
signal conditions.
Frequency
VDD1 Pin 1
RFIN/VGG1 Pin 2
VGG2 Pin 4
RFOUT/VDD3 Pin 7
VDD2 Pin 8
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.2
0.98890
168.89
0.98437
158.43
0.98990
157.75
0.96758
88.92
0.98740
170.03
0.3
0.88449
130.14
0.97810
148.00
0.98811
147.07
0.93440
52.01
0.87259
126.11
0.4
0.96296
162.21
0.96932
138.02
0.98733
136.83
0.89791
28.02
0.95647
168.46
0.5
0.98166
159.36
0.96033
128.52
0.98729
126.92
0.85525
8.85
0.97951
165.71
0.6
0.98669
150.11
0.95221
119.37
0.98779
117.53
0.80306
-8.42
0.98325
157.06
0.7
0.98659
142.94
0.94257
110.68
0.98796
108.67
0.75165
-23.19
0.98331
150.64
0.8
0.98701
136.46
0.93372
102.50
0.98912
100.34
0.70235
-36.51
0.98362
144.92
0.9
0.98696
130.40
0.92399
94.78
0.98928
92.48
0.65785
-49.03
0.98291
139.57
1.0
0.98757
124.64
0.91521
87.48
0.99004
85.10
0.61674
-61.22
0.98248
134.49
1.1
0.98793
119.13
0.90655
80.60
0.99099
78.16
0.58189
-73.60
0.98325
129.55
1.2
0.98766
113.79
0.89741
74.13
0.99165
71.67
0.55207
-86.36
0.98254
124.75
1.3
0.98685
108.52
0.88850
68.01
0.99162
65.55
0.52778
-99.76
0.98097
119.95
1.4
0.98253
103.08
0.87922
62.20
0.99228
59.78
0.51054
-113.87
0.97567
114.77
1.5
0.91016
98.26
0.87041
56.61
0.99283
54.27
0.50134
-128.62
0.88506
109.11
1.6
0.97895
96.95
0.85901
51.24
0.99372
49.02
0.50184
-143.72
0.96660
110.93
1.7
0.98693
91.94
0.84867
46.25
0.99362
44.08
0.51099
-159.03
0.97912
105.76
1.8
0.98885
87.51
0.83780
41.39
0.99411
39.33
0.52890
-174.06
0.98174
101.51
1.9
0.98968
83.39
0.82602
36.67
0.99457
34.73
0.55378
171.57
0.98247
97.56
2.0
0.99001
79.46
0.81268
32.09
0.99405
30.31
0.58373
158.06
0.98252
93.75
2.1
0.98939
75.68
0.79856
27.65
0.99409
26.02
0.61689
145.85
0.96646
89.86
2.2
0.99079
72.12
0.78264
23.35
0.99430
21.85
0.65283
133.76
0.98349
87.18
2.3
0.99100
68.61
0.76563
19.11
0.99427
17.75
0.68573
123.12
0.98395
83.71
2.4
0.99134
65.25
0.74652
14.96
0.99425
13.76
0.71788
113.31
0.98474
80.41
2.5
0.99146
61.98
0.72506
10.91
0.99399
9.82
0.74798
104.32
0.98447
77.23
2.6
0.99178
58.73
0.70186
6.91
0.99400
5.85
0.77528
95.95
0.98507
74.04
2.7
0.99134
55.49
0.67587
2.97
0.99331
1.90
0.79976
88.27
0.98381
70.83
2.8
0.98781
52.20
0.64683
-0.91
0.99282
-2.00
0.82079
81.13
0.98006
67.52
2.9
0.96980
48.90
0.61470
-4.81
0.99214
-5.98
0.83832
74.49
0.96403
63.91
3.0
0.95172
48.55
0.57400
-8.86
0.99108
-9.98
0.85400
68.30
0.90400
62.55
3.1
0.98242
46.16
0.52740
-11.19
0.98954
-13.99
0.86663
62.57
0.95087
63.65
3.2
0.99063
43.08
0.48956
-13.34
0.98827
-18.12
0.87801
57.07
0.97696
60.24
3.3
0.99392
40.27
0.44620
-15.29
0.98684
-22.42
0.88698
51.92
0.98397
57.19
3.4
0.99353
37.51
0.40182
-16.23
0.98579
-26.81
0.89353
46.93
0.98539
54.35
3.5
0.99183
34.87
0.35797
-15.65
0.98338
-31.29
0.89823
42.18
0.98374
51.69
3.6
0.98528
32.36
0.31683
-13.12
0.98114
-36.02
0.90042
37.52
0.97595
49.24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com