Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02305AK-R7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA02305AK-R7
Description  3.0 V 100 mW RF Power Amplifier IC for Bluetooth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02305AK-R7 Datasheet(HTML) 3 Page - Tyco Electronics

  MA02305AK-R7 Datasheet HTML 1Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 2Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 3Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 4Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3.0 V 100 mW RF Power Amplifier IC for Bluetooth
MA02305AK
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
3
Application Information
Mechanical Data
Evaluation Board Schematic. 50
Ω transmission line lengths in inches based on 10 mil thick, FR4. Critical line lengths de-
noted with (*).
Component layout and printed circuit drawing for evaluation board.
L2
C4
C1
C5
L1
R1
C6
C2
C3
2
3
1
4
5
6
0.28*
0.27*
0.18
0.15*
0.12
0.26
0.05*
C1
C4
C6
C2
C5
C3
R1
L1
L2
RFin
RFout
Vdd2
Vdd1
Vgg1
Vgg2
Part
Value
Manufacturer
Size
Part Number
C1
100 pF
Dielectric Labs
0805
C11AH101K8TXL
C2
100 pF
Murata
0603
GRM39C0G101J050AD
C3
100 pF
Murata
0603
GRM39C0G101J050AD
C4
4700 pF
Murata
0603
GRM39X7R471K
C5
1.5 pF
Dielectric Labs
0603
C06CF1R5B5UL
C6
0.5 pF
Dielectric Labs
0805
C11AH0R5B8TXL
R1
210 Ohm
Panasonic
0603
ERJ-3EKF2100
L1
2.7 nH
Toko
0603
LL1608-F2N7S
L2
22 nH
Coilcraft
0603
0603HC-22NXJBU
List of Components for MA02305AK:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com