Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02305AK-R7 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA02305AK-R7
Description  3.0 V 100 mW RF Power Amplifier IC for Bluetooth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02305AK-R7 Datasheet(HTML) 1 Page - Tyco Electronics

  MA02305AK-R7 Datasheet HTML 1Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 2Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 3Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 4Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.0 V 100 mW RF Power Amplifier
IC for Bluetooth
MA02305AK
V 1.00
Features
n
20 dB Gain – dramatically increases range of your low
power Bluetooth devices
n
Single 3.0V positive supply– operates over a wide
range of supply voltages
n
Extremely small size – 6 pin SOT plastic package -
3 mm x 1.75 mm body size
n
Output power easily controllable via VDD1
n
45% Power Added Efficiency
n
100% Duty Cycle
n
2000 to 2900 MHz Operation
n
Self-Aligned MSAG
®-Lite MESFET Process
Description
The MA02305AK is an RF power amplifier based on M/A-
COM’s Self-Aligned MSAG® MESFET Process. This
product is designed for use in 2.4 GHz ISM products as a
booster for high power Bluetooth devices. Output power
can be controlled to meet Bluetooth requirements via vary-
ing input power or the voltage on VDD1.
Electrical Characteristics: V
DD1 = 2.5 V, VDD2 = 3 V, PIN = +0 dBm, Duty Cycle = 100%, T A = 25°C
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
ƒ
2400
2500
MHz
Output Power f = 2450 MHz
POUT
18.7
20
dBm
Power Added Efficiency f = 2450 MHz
η
40
45
%
Harmonics
-30
-27
-26
-22
dBc
Input VSWR
-
1.5
2.0
:1
Off Isolation (VDD=0 V)
S21
-25
dB
Thermal Resistance, junction to soldering point (pin 2)
RTH
180
°C/W
Load Mismatch (VDD = 5.5 V, VSWR = 8:1, PIN = 0 dBm)
-
No Degradation in Power Output
Stability (PIN = 0dBm, VDD = 0-5.5 V, Load VSWR = 5:1, fixed phases)
-
All non-harmonically related outputs
more than 60 dB below desired signal
Maximum Ratings (T
A = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
5.5
V
RF Input Power
PIN
10
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Ordering Information
Part Number
Package
MA02305AK-R7
7 inch, 3000 Piece Reel
MA02305AK-SMB
MA02305AK Test Board


Similar Part No. - MA02305AK-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ-R13 MACOM-MA02303GJ-R13 Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ-R13 MACOM-MA02303GJ-R13 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MA02303GJ-R7 MACOM-MA02303GJ-R7 Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ-R7 MACOM-MA02303GJ-R7 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
More results

Similar Description - MA02305AK-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02107AF MACOM-MA02107AF Datasheet
143Kb / 4P
3.4 V, 1.2 W RF Power Amplifier IC
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
3.6 V, 450 mW DECT RF Power Amplifier IC
MA02204AF MACOM-MA02204AF Datasheet
162Kb / 4P
3.3V 0.5W RF Power Amplifier IC for DECT
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
Bluetooth RF Transceiver IC
logo
Toshiba Semiconductor
TB31296FT TOSHIBA-TB31296FT Datasheet
549Kb / 9P
Bluetooth RF IC
logo
Tyco Electronics
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G_01 Datasheet
252Kb / 6P
100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com