Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02305AK-R7 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA02305AK-R7
Description  3.0 V 100 mW RF Power Amplifier IC for Bluetooth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02305AK-R7 Datasheet(HTML) 4 Page - Tyco Electronics

  MA02305AK-R7 Datasheet HTML 1Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 2Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 3Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 4Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0 V 100 mW RF Power Amplifier IC for Bluetooth
MA02305AK
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
4
Designing With the MA02305AK
The MA02305AK is built using a near-enhancement mode FET that operates from a single supply voltage. A nega-
tive voltage is not required because the FET is designed to operate with a +0V DC gate bias.
There is no impedance matching or RF choking on this IC – these functions are supplied externally. This approach
offers the highest level of performance.
To duplicate MA02305AK data sheet performance, your circuit board must recreate the same impedances developed
on the evaluation board depicted in the preceding figures. One-port S-parameters looking into the board impedances
away from the device are listed below. The calibration plane for the datasheet is the pin of the device.
Frequency
(MHz)
V GG2 Pin 1
RFOUT/V DD2 Pin 3
V DD1 Pin 4
RFIN /V GG1 Pin 6
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.10
0.97043
179.42
0.71433
139.99
0.95319
152.14
0.17741
-126.15
0.20
0.99055
174.22
0.60534
129.51
0.98326
162.08
0.15709
-145.68
0.30
0.99177
171.32
0.47048
120.60
0.98368
173.64
0.16001
-151.45
0.40
0.98788
168.52
0.33247
111.57
0.97982
-174.63
0.16851
-154.29
0.50
0.98749
165.67
0.26397
107.46
0.98418
178.14
0.18235
-156.15
0.60
0.98721
162.81
0.19530
103.28
0.98820
170.74
0.19827
-158.65
0.70
0.98736
159.91
0.14041
110.03
0.98958
166.96
0.21441
-161.89
0.80
0.98679
157.04
0.08519
120.66
0.99031
163.16
0.23162
-165.23
0.90
0.98706
154.23
0.07177
135.30
0.98996
160.07
0.24969
-168.85
1.00
0.98788
151.34
0.06349
153.01
0.98991
156.76
0.26778
-173.43
1.10
0.98726
148.45
0.06587
169.91
0.98978
153.72
0.28514
-178.11
1.20
0.98626
145.60
0.07191
-174.26
0.98931
150.61
0.30267
176.84
1.30
0.98641
142.71
0.08315
-166.96
0.98780
147.19
0.31953
171.23
1.40
0.98644
139.82
0.09505
-160.56
0.98649
143.63
0.33628
165.32
1.50
0.98500
136.88
0.10675
-157.86
0.94242
143.98
0.35222
159.06
1.60
0.98453
133.95
0.11951
-155.52
0.89784
144.34
0.36683
152.71
1.70
0.98446
130.94
0.12963
-155.34
0.94174
139.92
0.38061
145.84
1.80
0.98349
127.91
0.14015
-154.79
0.98750
135.30
0.39320
138.74
1.90
0.98313
124.92
0.14882
-155.14
0.98984
132.06
0.40495
131.52
2.00
0.98382
121.96
0.15720
-155.31
0.99198
128.73
0.41623
124.12
2.10
0.98452
118.98
0.16432
-155.56
0.99283
125.72
0.42563
116.58
2.20
0.98438
115.96
0.17177
-156.08
0.99454
122.46
0.43485
108.81
2.30
0.98388
112.89
0.17810
-156.67
0.99489
119.34
0.44313
101.04
2.40
0.98292
109.77
0.18392
-157.01
0.99429
116.09
0.45009
93.13
2.50
0.98095
106.65
0.18976
-157.26
0.99242
112.85
0.45667
85.39
2.60
0.98047
103.48
0.19541
-157.75
0.99221
109.40
0.46135
77.68
2.70
0.97883
100.30
0.20085
-157.91
0.98695
105.78
0.46780
70.00
2.80
0.97676
97.12
0.20642
-157.88
0.98054
102.09
0.47186
62.56
2.90
0.97636
94.00
0.21257
-158.32
0.94404
98.07
0.47850
55.39
3.00
0.97572
90.90
0.21802
-158.71
0.90652
93.92
0.48427
48.41



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com