Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02305AK-R7 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MA02305AK-R7
Description  3.0 V 100 mW RF Power Amplifier IC for Bluetooth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02305AK-R7 Datasheet(HTML) 5 Page - Tyco Electronics

  MA02305AK-R7 Datasheet HTML 1Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 2Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 3Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 4Page - Tyco Electronics MA02305AK-R7 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.0 V 100 mW RF Power Amplifier IC for Bluetooth
MA02305AK
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.00
Frequency
(MHz)
V GG2 Pin 1
RFOUT/V DD2 Pin 3
V DD1 Pin 4
RFIN /V GG1 Pin 6
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
3.10
0.97519
87.69
0.22473
-158.80
0.92813
94.32
0.49202
41.58
3.20
0.97443
84.47
0.23177
-158.99
0.95106
94.75
0.49805
35.13
3.30
0.97243
81.27
0.24068
-159.25
0.96150
90.58
0.50499
28.91
3.40
0.97032
78.11
0.24969
-159.62
0.97174
86.31
0.51221
22.98
3.50
0.96903
74.98
0.26052
-160.44
0.96351
82.36
0.51994
17.31
3.60
0.96701
71.74
0.27111
-161.00
0.95413
78.37
0.52764
11.82
3.70
0.96360
68.63
0.28211
-161.90
0.93047
76.80
0.53520
6.57
3.80
0.96292
65.58
0.29396
-162.97
0.91064
75.14
0.54388
1.67
3.90
0.96262
62.38
0.30492
-164.32
0.93350
71.90
0.55281
-3.06
4.00
0.96034
59.13
0.31552
-165.45
0.95344
68.60
0.56144
-7.62
4.10
0.95820
55.98
0.33008
-167.00
0.95477
64.91
0.57003
-11.96
4.20
0.95728
52.79
0.34582
-168.67
0.95909
61.22
0.57934
-15.94
4.30
0.95652
49.53
0.36052
-170.75
0.95625
57.65
0.58809
-19.92
4.40
0.95406
46.40
0.37552
-172.64
0.95056
54.21
0.59686
-23.71
4.50
0.95198
43.31
0.39089
-175.10
0.94539
50.71
0.60531
-27.27
4.60
0.95125
40.19
0.40622
-177.54
0.94197
47.20
0.61438
-30.62
4.70
0.95152
37.10
0.42189
179.59
0.93401
43.41
0.62434
-33.90
4.80
0.95166
33.99
0.44003
176.61
0.92723
39.69
0.63385
-37.21
4.90
0.95067
30.77
0.45429
173.31
0.90236
35.79
0.64268
-40.26
5.00
0.94774
27.57
0.46894
169.93
0.87776
32.01
0.65242
-43.36
5.10
0.94351
24.50
0.48131
166.56
0.84543
31.67
0.65976
-46.33
5.20
0.94210
21.54
0.49478
163.09
0.81564
31.34
0.66830
-49.11
5.30
0.94232
18.59
0.50530
159.43
0.85067
29.15
0.67776
-51.79
5.40
0.94193
15.72
0.51842
155.69
0.88431
27.07
0.68668
-54.49
5.50
0.94382
12.78
0.52984
151.82
0.89525
23.25
0.69550
-57.16
5.60
0.94635
9.68
0.54223
147.54
0.90655
19.42
0.70606
-59.79
5.70
0.94601
6.52
0.54973
143.21
0.90262
15.33
0.71713
-62.63
5.80
0.94421
3.50
0.55888
138.79
0.89847
11.62
0.72678
-65.49
5.90
0.94367
0.68
0.56482
134.44
0.88135
8.25
0.73521
-68.25
6.00
0.94249
-2.19
0.56973
130.04
0.86517
5.04
0.74383
-71.11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com