Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5072 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 35Page - Richtek Technology Corporation RT5072 Datasheet HTML 36Page - Richtek Technology Corporation RT5072 Datasheet HTML 37Page - Richtek Technology Corporation RT5072 Datasheet HTML 38Page - Richtek Technology Corporation RT5072 Datasheet HTML 39Page - Richtek Technology Corporation RT5072 Datasheet HTML 40Page - Richtek Technology Corporation RT5072 Datasheet HTML 41Page - Richtek Technology Corporation RT5072 Datasheet HTML 42Page - Richtek Technology Corporation RT5072 Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
RT5072
39
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
When external EN pin go high, WAKE UP impulse would be masked off. WAKE impulse width 90ms can not be cut by
EN = H
90ms
90ms
WAKE
EN
No WAKE
impulse
BAT plug in
BAT exists
VIN plug in
BAT/VIN plug in
ISETA [3:0]
RT5072 allows user to set the battery charge current level and the list as below. The default
value is 0.5A.
Code
BAT Charge
Current
Code
BAT Charge
Current
Code
BAT Charge
Current
Code
BAT Charge
Current
0000
0.1A
0001
0.2A
0010
0.3A
0011
0.4A
0100
0.5A
0101
0.6A
0110
0.7A
0111
0.8A
1000
0.9A
1001
1A
1010
1.1A
1011
1.2A
1100
1.2A
1101
1.2A
1110
1.2A
1111
1.2A
CDP/DCP
Suspend Mode
When USUS = 1, the charger will enter Suspend Mode. In Suspend Mode, the CHG pin is high impedance and
IUSUS(MAX) < 300
μA.
Charging Current Decision
The charge current can be set according to the I
2C register A8.ISETA [3:0] setting :
VIN
90ms
3.1V
BAT
WAKE
BAT > 3.1V
VIN > 3.75V when BAT >3.1V
WAKE UP
3.1V
20ms
90ms
3.75V
VIN > 3.75V
2.82V
< 90ms
20ms
90ms
300ms
20ms
BAT <2.82V (3.1V–0.28V)
When VIN <3.15V (3.75V-0.24V)
Disable WAKE Up Suddenly
RT5072 needs 300mSec to
do charging type detection
after VIN plug in and larger
than threshold.
20ms
90ms
3.1V
20ms
BAT > 3.1V
WAKE go low
as VIN go low
3.51V
BAT > 3.1V
WAKE Up
BAT > 3.1V
WAKE Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com