Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5072 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5072 Datasheet HTML 1Page - Richtek Technology Corporation RT5072 Datasheet HTML 2Page - Richtek Technology Corporation RT5072 Datasheet HTML 3Page - Richtek Technology Corporation RT5072 Datasheet HTML 4Page - Richtek Technology Corporation RT5072 Datasheet HTML 5Page - Richtek Technology Corporation RT5072 Datasheet HTML 6Page - Richtek Technology Corporation RT5072 Datasheet HTML 7Page - Richtek Technology Corporation RT5072 Datasheet HTML 8Page - Richtek Technology Corporation RT5072 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
RT5072
2
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©

SEQ # 4 : CH1
CH4
CH3
CH2

SEQ # 5 : CH1
CH4
CH2
CH3
All Power Switches Integrated with Internal
Compensation
Discharge Output of Every Channel when Turning
Off
Wake Up Impulse to Monitor BAT and VIN Plug-In
Fixed 2MHz Switching Frequency for CH1/3/4/5,
Fixed 1MHz Switching Frequency for CH2/7
Charger Unit
28V Maximum Rating for VIN Power
Selectable Power Input Current Limit (0.1A / 0.5A /
1A / 1.5A)
Auto Power Path Management (APPM) with
Integrated Power MOSFETs
Battery Charging Current Control and Regulation
Voltage Control
Programmable Charging Current and Safe Charge
Timer
Optimized Charge Rate via Thermal Feedback
Under-Voltage Protection, Over-Voltage Protection
Charger Status and VIN Power GOOD Indicators
Interrupt Indicator to JEITA Temperature/Fault/
Status Events when PMU is Enabled

Battery Temperature Events

Battery Removing Event

Charger in Thermal Regulation Control

Safety Timer Timeout

End of Charging

VIN Power Good

VIN < DPM Threshold 4.35V

Charger Type Detection Finishing
Charger Type Detection

Dedicated Charger : Support Apple and Sony
Charger

Secondary Charger Detection to Distinguish CDP
and DCP
I2C Control Interface : Support Fast Mode up to
400kb/s
RoHS Compliant and Halogen Free
Features
Power Converter Unit
CH1 LV Sync Step-Up

Support Up to 1A Loading, DVS (Dynamic Voltage
Scaling), Load-Disconnect, Up to 95% Efficiency,
PSM/PWM Selectable
CH2 LV Sync Step-Up/Down

Support Up to 1A Loading, DVS, Up to 95%
Efficiency, PSM/PWM Selectable
CH3/4 LV Sync Step-Down

Support Up to 3A (CH3) / 2A (CH4) Loading, DVS,
Up to 95% Efficiency, 100% (MAX) Duty Cycle, PSM/
PWM Selectable
CH5 LV Sync Step-Down

Support Up to 0.6A Loading, Up to 95% Efficiency,
100% (MAX) Duty Cycle

Output Voltage can be Selected from Preset List
or Set by External Feedback Network
CH6 Low Input Power LDO

VIN Range 1.5V to 5.5V

Output Voltage Level Selectable in I2C Register
CH7 WLED Driver in Either Sync Step-Up Operation
or Current Regulator Operation

Step-Up Mode with LED Open Protection (OVP7
16V or 25V, Selectable in I2C Register)

Step-Up Mode Support Series 2 to 6 WLED and
Load Disconnect Function

Current Regulator Mode for 1 WLED

31 WLED Dimming Levels

Automatic Mode Selection by External Circuit
Topology
CH8 Generic LDO

VIN Range 1.5V to 5.5V

Output Voltage Level Selectable in I2C Register
CH9 Low Quiescent LDO with Reverse Leakage
Prevention for RTC Power Supply

Fixed 3.05V Output
Six Preset Power On/Off Sequences by One Pin
SEQ

SEQ # 0 : CH2
CH3
CH4

SEQ # 1 : CH1
CH3
CH2
CH4

SEQ # 2 : CH1
CH3
CH4
CH2

SEQ # 3 : CH1
CH2
CH4
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com