Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5072 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 17Page - Richtek Technology Corporation RT5072 Datasheet HTML 18Page - Richtek Technology Corporation RT5072 Datasheet HTML 19Page - Richtek Technology Corporation RT5072 Datasheet HTML 20Page - Richtek Technology Corporation RT5072 Datasheet HTML 21Page - Richtek Technology Corporation RT5072 Datasheet HTML 22Page - Richtek Technology Corporation RT5072 Datasheet HTML 23Page - Richtek Technology Corporation RT5072 Datasheet HTML 24Page - Richtek Technology Corporation RT5072 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
RT5072
21
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
CH5 Step-Down Output Voltage vs. Output Current
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
0
200
400
600
800
1000
Output Current (mA)
VOUT = 1.8V
VSYS = 2.7V
VSYS = 3.4V
VSYS = 4.2V
VSYS = 5V
CH6 LDO Output Voltage vs. Output Current
1.200
1.225
1.250
1.275
1.300
1.325
1.350
1.375
1.400
0
50
100
150
200
250
300
350
400
Output Current (mA)
VOUT = 1.3V
PVD6 = 1.5V
PVD6 = 3.3V
CH3 Step-Down Output Voltage vs. Output Current
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
0
200
400
600
800
1000
Output Current (mA)
VOUT = 1V
VSYS = 2.7V
VSYS = 3.4V
VSYS = 4.2V
VSYS = 5V
CH4 Step-Down Output Voltage vs. Output Current
1.485
1.490
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
200
400
600
800
1000
Output Current (mA)
VOUT = 1.5V
VSYS = 2.7V
VSYS = 3.4V
VSYS = 4.2V
VSYS = 5V
CH2 Step-Up/Down Output Voltage vs. Output Current
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
0
100
200
300
400
500
600
Output Current (mA)
VOUT = 3.3V
VSYS = 2.7V
VSYS = 3.4V
VSYS = 4.2V
VSYS = 5V
CH1 Step-Up Output Voltage vs. Output Current
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0
200
400
600
800
1000
Output Current (mA)
VOUT = 5V
VSYS = 2.7V
VSYS = 3.4V
VSYS = 4.2V
VSYS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com