Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5072 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5072
Description  The RT5072 is a complete power supply solution
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5072 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5072 Datasheet HTML 3Page - Richtek Technology Corporation RT5072 Datasheet HTML 4Page - Richtek Technology Corporation RT5072 Datasheet HTML 5Page - Richtek Technology Corporation RT5072 Datasheet HTML 6Page - Richtek Technology Corporation RT5072 Datasheet HTML 7Page - Richtek Technology Corporation RT5072 Datasheet HTML 8Page - Richtek Technology Corporation RT5072 Datasheet HTML 9Page - Richtek Technology Corporation RT5072 Datasheet HTML 10Page - Richtek Technology Corporation RT5072 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
RT5072
7
DS5072-00
March 2015
www.richtek.com
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Operation
The RT5072 is an integrated power solution for digital still
cameras and other small handheld devices. It includes
six DC/DC converters, a WLED driver, a RTC LDO, and a
fully integrated single-cell Li-ion battery charger.
CH1 : Step-Up DC/DC Converter
CH1 is a step-up converter for motor driver power. The
converter operates at PFM or PWM current mode which
can be set by I2C interface.
CH2 : Step-Up/Down DC/DC Converter
CH2 is a step-up/down converter for I/O power. The
converter operates at PFM or PWM current mode which
can be set by I
2C interface.
CH3 : Step-Down DC/DC Converter
CH3 is a step-down converter for core power. The converter
operates at PFM or PWM current mode which can be set
by I2C interface.
CH4 : Step-Down DC/DC Converter
CH4 is a step-down converter for memory power. The
converter operates at PFM or PWM current mode which
can be set by I2C interface.
CH5 : Step-Down DC/DC Converter
CH5 is a step-down converter. The converter operates at
PFM/PWM current mode.
CH6 : Generic LDO
CH6 is a generic low voltage LDO for multiple purpose
power.
CH7 : WLED Driver
CH7 is a WLED driver that can operate in either current
source mode or synchronous step-up mode which is
determined by I2C interface control signal.
CH8 : Generic LDO
CH8 is a generic low voltage LDO for multiple purpose
power.
CH9 : Keep Alive LDO and RTC
CH9 is a LDO providing a 3.05V output for real time clock.
Charger Unit
A Li-ion battery charger with automatic power path
management is designed to operate in below modes.
Pre-Charge Mode
When the output voltage is lower than 2.8V, the charging
current will be reduced to a ratio of fast-charge current
set by A8.ISETA [3:0] to protect the battery life-time.
Fast-Charge Mode
When the output voltage is higher than 3V, the charging
current will be equal to the fast-charge current set by
A8.ISETA [3:0].
Constant Voltage Mode
When the output voltage is near 4.2V and the charging
current falls below the termination current for a deglitch
time of 25ms, the charger will be turned off and CHG will
go to high.
Re-Charge Mode
When the chip is in charge termination mode, the charging
current gradually goes down to zero. Once the battery
voltage drops to below 4.1V for 100ms, the charger will
resume charging operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com