Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF60DM206 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF60DM206
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF60DM206 Datasheet(HTML) 2 Page - International Rectifier

  IRF60DM206 Datasheet HTML 1Page - International Rectifier IRF60DM206 Datasheet HTML 2Page - International Rectifier IRF60DM206 Datasheet HTML 3Page - International Rectifier IRF60DM206 Datasheet HTML 4Page - International Rectifier IRF60DM206 Datasheet HTML 5Page - International Rectifier IRF60DM206 Datasheet HTML 6Page - International Rectifier IRF60DM206 Datasheet HTML 7Page - International Rectifier IRF60DM206 Datasheet HTML 8Page - International Rectifier IRF60DM206 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
IRF60DM206
 
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 04, 2015
Notes:
Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Used double sided cooling , mounting pad with large heatsink.
Absolute Maximum Ratings
  
 
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
130
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
82
A
IDM
Pulsed Drain Current 
530
 
PD @TC = 25°C
Maximum Power Dissipation
96
W
Linear Derating Factor
0.78
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
Avalanche Characteristics
  
EAS (Thermally limited)
Single Pulse Avalanche Energy 
81
EAS (Thermally limited)
Single Pulse Avalanche Energy 
154
IAR
Avalanche Current 
See Fig 15, 15, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance
  
 
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient 
–––
45
RJA
Junction-to-Ambient 
12.5
–––
RJA
Junction-to-Ambient 
20
–––
°C/W
RJC
Junction-to-Case 
–––
1.3
RJ-PCB
Junction-to-PCB Mounted
0.75
–––
mJ
Static @ TJ = 25°C (unless otherwise specified)
   
 
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
38
––– mV/°C Reference to 25°C, ID = 1.0mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.2
2.9
m
 VGS = 10V, ID = 80A 
–––
2.7
––– 
m
 VGS = 6.0V, ID = 40A 
VGS(th)
Gate Threshold Voltage
2.1
3.0 
3.7
V
VDS = VGS, ID = 150µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 60V, VGS = 0V
–––
–––
150
VDS = 60V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Internal Gate Resistance
–––
0.8
–––
IGSS
TC measured with thermocouple mounted to top (Drain) of part.
Surface mounted on 1 in. square Cu
board (still air).
Mounted to a PCB with small clip
heatsink (still air)
 
Mounted on minimum footprint full size
board with metalized back and with
small clip heatsink (still air)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com