Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF60DM206 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF60DM206
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF60DM206 Datasheet(HTML) 3 Page - International Rectifier

  IRF60DM206 Datasheet HTML 1Page - International Rectifier IRF60DM206 Datasheet HTML 2Page - International Rectifier IRF60DM206 Datasheet HTML 3Page - International Rectifier IRF60DM206 Datasheet HTML 4Page - International Rectifier IRF60DM206 Datasheet HTML 5Page - International Rectifier IRF60DM206 Datasheet HTML 6Page - International Rectifier IRF60DM206 Datasheet HTML 7Page - International Rectifier IRF60DM206 Datasheet HTML 8Page - International Rectifier IRF60DM206 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
IRF60DM206
 
3
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 04, 2015
D
S
G
Dynamic @ TJ = 25°C (unless otherwise specified)
   
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
148
–––
–––
S
VDS = 10V, ID = 80A
Qg
Total Gate Charge
–––
133
200
nC
ID = 80A
Qgs
Gate-to-Source Charge
–––
33
–––
VDS =30V
Qgd
Gate-to-Drain ("Miller") Charge
–––
40
–––
VGS = 10V 
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
93
–––
td(on)
Turn-On Delay Time
–––
17
–––
ns
VDD = 30V
tr
Rise Time
–––
32
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
60
–––
RG = 2.7
tf
Fall Time
–––
30
–––
VGS = 10V 
Ciss
Input Capacitance
––– 6530 –––
pF
VGS = 0V
Coss
Output Capacitance
–––
650
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
420
–––
ƒ = 1.0MHz
Coss eff. (ER) Effective Output Capacitance (Energy Related) –––
670
–––
VGS = 0V, VDS = 0V to 48V 
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
840
–––
VGS = 0V, VDS = 0V to 48V 
Diode Characteristics
   
 
 
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
130
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
530
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ= 25°C,IS = 80A, VGS = 0V
dv/dt
Peak Diode Recovery 
–––
8.5
––– V/ns TJ =150°C,IS =80A, VDS = 60V
trr
Reverse Recovery Time
–––
47.5
–––
ns TJ = 25° C VR = 51V,
–––
48
–––
TJ = 125°C IF = 80A
Qrr
Reverse Recovery Charge
–––
79
–––
TJ = 25°C
di/dt = 100A/µs 
–––
84
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.9
–––
A
TJ = 25°C
nC
Notes:

Repetitive rating; pulse width limited by max. junction
temperature.
Limited by TJ max, starting TJ = 25°C, L = 25µH
RG = 50, IAS = 80A, VGS =10V.
ISD ≤ 80A, di/dt ≤ 1410A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C.

Pulse width ≤ 400µs; duty cycle ≤ 2%.

Coss eff. (TR) is a fixed capacitance that gives the
same charging time as Coss while VDS is rising from 0
to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the
same energy as Coss while VDS is rising from 0 to
80% VDSS.

When mounted on 1" square PCB (FR-4 or G-10
Material). For recommended footprint and soldering
techniques refer to application note #AN-994.
Ris measured at TJ approximately 90°C.
Limited by TJ max, starting TJ = 25°C, L= 1mH, RG = 50,
IAS = 17.5A, VGS =10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com