Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF60DM206 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF60DM206
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF60DM206 Datasheet(HTML) 5 Page - International Rectifier

  IRF60DM206 Datasheet HTML 1Page - International Rectifier IRF60DM206 Datasheet HTML 2Page - International Rectifier IRF60DM206 Datasheet HTML 3Page - International Rectifier IRF60DM206 Datasheet HTML 4Page - International Rectifier IRF60DM206 Datasheet HTML 5Page - International Rectifier IRF60DM206 Datasheet HTML 6Page - International Rectifier IRF60DM206 Datasheet HTML 7Page - International Rectifier IRF60DM206 Datasheet HTML 8Page - International Rectifier IRF60DM206 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRF60DM206
 
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 04, 2015
Fig 10. Maximum Safe Operating Area
Fig 11. Drain-to-Source Breakdown Voltage
Fig 12. Typical Coss Stored Energy
Fig 13. Typical On-Resistance vs. Drain Current
Fig 9. Typical Source-Drain Diode Forward Voltage
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
58
60
62
64
66
68
70
Id = 1.0mA
-10
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN
THIS AREA
LIMITED BY
RDS(on)
100µsec
DC
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
1
2
3
4
5
6
7
8
9
10
VGS = 5.5V
VGS = 6.0V
VGS = 7.0V
VGS = 8.0V
VGS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com