Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF60DM206 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF60DM206
Description  Brushed motor drive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF60DM206 Datasheet(HTML) 1 Page - International Rectifier

  IRF60DM206 Datasheet HTML 1Page - International Rectifier IRF60DM206 Datasheet HTML 2Page - International Rectifier IRF60DM206 Datasheet HTML 3Page - International Rectifier IRF60DM206 Datasheet HTML 4Page - International Rectifier IRF60DM206 Datasheet HTML 5Page - International Rectifier IRF60DM206 Datasheet HTML 6Page - International Rectifier IRF60DM206 Datasheet HTML 7Page - International Rectifier IRF60DM206 Datasheet HTML 8Page - International Rectifier IRF60DM206 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
StrongIRFET™
IRF60DM206
Application
 Brushed motor drive applications
 BLDC motor drive applications

Battery powered circuits
Half-bridge and full-bridge topologies
Synchronous rectifier applications
Resonant mode power supplies
OR-ing and redundant power switches
DC/DC and AC/DC converters
DC/AC inverters
Benefits
 Improved gate, avalanche and dynamic dv/dt ruggedness
 Fully characterized capacitance and avalanche SOA
 Enhanced body diode dv/dt and di/dt capability
 Lead-free, RoHS compliant
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRF60DM206
DirectFET® ME
Tape and Reel
4800
IRF60DM206
VDSS
60V
RDS(on) typ.
2.2m

max
2.9m

ID
130A
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
 
DirectFET®
ISOMETRIC
 
ME
DirectFET® N-Channel Power MOSFET 
1
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
June 04, 2015
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
1
2
3
4
5
6
7
8
ID = 80A
TJ = 25°C
TJ = 125°C
DD
G
SS
SS
S
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
140


Similar Part No. - IRF60DM206

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF60B217 INFINEON-IRF60B217 Datasheet
234Kb / 10P
Battery powered circuits
2016-01-05
logo
Inchange Semiconductor ...
IRF60B217 ISC-IRF60B217 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IRF60R217 INFINEON-IRF60R217 Datasheet
476Kb / 11P
Battery powered circuits
2016-01-05
logo
Inchange Semiconductor ...
IRF60R217 ISC-IRF60R217 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IRF60SC241 INFINEON-IRF60SC241 Datasheet
1Mb / 11P
StrongIRFET짧
Rev.2.2,2020-08-10
More results

Similar Description - IRF60DM206

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
Brushed Motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
Brushed motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com