Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5570 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5570
Description  SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5570 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5570 Datasheet HTML 1Page - RF Micro Devices RF5570 Datasheet HTML 2Page - RF Micro Devices RF5570 Datasheet HTML 3Page - RF Micro Devices RF5570 Datasheet HTML 4Page - RF Micro Devices RF5570 Datasheet HTML 5Page - RF Micro Devices RF5570 Datasheet HTML 6Page - RF Micro Devices RF5570 Datasheet HTML 7Page - RF Micro Devices RF5570 Datasheet HTML 8Page - RF Micro Devices RF5570 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF5570
DS110527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5
V
Ruggedness Output VSWR
10:1
Stability Output VSWR
5:1
ESD Human Body Model
250
V
ESD Device Model
750
V
Operating CaseTemperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz to 2.5GHz Switch Transmit
and Receive Parameters
Operating conditions, unless noted otherwise: Con-
trol voltage 2.5V to 5.0V; Temp = -40 °C to +85°C
Frequency
2.4
2.5
GHz
Insertion Loss
0.6
1.0
dB
All ports
Noise Figure
0.6
1.0
dB
All ports
Passband Ripple
-0.2
+0.2
dB
Input IP3
34
45
dBm
All RF Modes; Over Temp Range
P1dB
28
dBm
3.1 or higher control voltage for 30dB min, 28 dB
typical at 2.8V
Input Return Loss
15
18
dB
All RF Ports
Output Return Loss
15
18
dB
All RF Ports
Current Consumption
1
10
A
Switch operating current, per control line
Port Impedance
All ports
Input
50
Receive
Output
50
Transmit
Isolation
All ports
RF1 Mode
Control Voltage 2.8 - 5.0V; over Temp and Freq
ANT-RF2
22
25
30
dB
ANT-RF3
22
25
dB
RF1-RF2
22
25
dB
RF1-RF3
22
25
dB
RF2 Mode
Control Voltage 2.8 - 5.0V; over Temp and Freq
ANT-RF1
21
23
dB
ANT-RF3
22
25
dB
RF2-RF1
22
23
dB
RF2-RF3
21
25
dB
RF3 Mode
Control Voltage 2.8 - 5.0V; over Temp and Freq
ANT-RF1
22
25
dB
ANT-RF2
22
25
dB
RF3-RF1
22
25
dB
RF3-RF2
22
25
dB
Switch Control Voltage
SW1, SW2, & SW3 pins
Low
0
.25
V
High
2.5
2.8
5.0
V
Switch Control Speed
150
500
nsec
10/90% or 90/10% Rise/Fall time
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com