Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5570 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5570
Description  SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5570 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5570 Datasheet HTML 1Page - RF Micro Devices RF5570 Datasheet HTML 2Page - RF Micro Devices RF5570 Datasheet HTML 3Page - RF Micro Devices RF5570 Datasheet HTML 4Page - RF Micro Devices RF5570 Datasheet HTML 5Page - RF Micro Devices RF5570 Datasheet HTML 6Page - RF Micro Devices RF5570 Datasheet HTML 7Page - RF Micro Devices RF5570 Datasheet HTML 8Page - RF Micro Devices RF5570 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
7
5
8
2
4
3
1
6
RF1
ANT
N/C
VRF1
RF3
RF2
VRF2
VRF3
RF5570
11b/g/n WiFi SP3T SWITCH
The RF5570 is a SP3T switch designed for WiFi and WiFi/Bluetooth® applications
in the 2.4GHz to 2.5GHz ISM band. The RF5570 is capable of switching between
WiFi RX, WiFi TX, and Bluetooth® RX/TX operations. This switch can also be placed
in WiFi and Bluetooth® receive modes simutaneously with a slight increase in inser-
tion loss. The RF5570 is provided in a DFN 8-pin 2mmx2mmx0.6mm Pb-Free
package. This device meets or exceeds the RF switch needs of IEEE802.11b/g/n
RF systems.
Features
SP3T Switch
Switch Control Voltage 2.5
V
to 5V
Low Insertion Loss 0.6dB
Applications
EEE802.11b/g/n WiFi Appli-
cations
WiFi/Bluetooth®
Combination Devices
DS110527
Package: DFN, 8-Pin, 2.0mmx2.0mmx0.6mm
RF5570
11b/g/n WiFi
SP3T Switch
RF5570SQ
Standard 25-piece Bag
RF5570SR
Standard 100-piece Bag
RF5570TR7
Standard 2500-piece Reel
RF5570PCBK-410
Fully Assembled Evaluation Board with 5-piece Sample


Similar Part No. - RF5570

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5501 RFMD-RF5501 Datasheet
2Mb / 10P
3.3 V, SWITCH AND LNA FRONT END SOLUTION
RF5506 RFMD-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506 QORVO-RF5506 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
RF Micro Devices
RF5506PCK-410 RFMD-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
logo
Qorvo, Inc
RF5506PCK-410 QORVO-RF5506PCK-410 Datasheet
966Kb / 9P
5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
More results

Similar Description - RF5570

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2303-EEU TRIQUINT-TGS2303-EEU Datasheet
199Kb / 3P
SP3T PIN Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
SP3T SWITCH
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
SP3T RF SWITCH
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
TriQuint Semiconductor
TGS2303 TRIQUINT-TGS2303_15 Datasheet
573Kb / 3P
SP3T PIN Switch
logo
RF Micro Devices
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com