Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5570 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5570
Description  SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5570 Datasheet(HTML) 8 Page - RF Micro Devices

  RF5570 Datasheet HTML 1Page - RF Micro Devices RF5570 Datasheet HTML 2Page - RF Micro Devices RF5570 Datasheet HTML 3Page - RF Micro Devices RF5570 Datasheet HTML 4Page - RF Micro Devices RF5570 Datasheet HTML 5Page - RF Micro Devices RF5570 Datasheet HTML 6Page - RF Micro Devices RF5570 Datasheet HTML 7Page - RF Micro Devices RF5570 Datasheet HTML 8Page - RF Micro Devices RF5570 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RF5570
DS110527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF5570 Performance Plots
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
2400
2450
2500
Frequency (MHz)
RF5570: RF1 Mode Inser on Loss vs. Frequency
(VRF1=2.8v; VRF2=VRF3=0v)
+ 25 C
-40 C
+ 85 C
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
2400
2450
2500
RF5570: RF2 Mode Inser on Loss vs. Frequency
(VRF2=2.8v; VRF1=VRF3=0v)
+ 25 C
-40 C
+ 85 C
Frequency (MHz)
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
2400
2450
2500
RF5570: RF3 Mode Inser on Loss vs. Frequency
(VRF3=2.8v; VRF1=VRF2=0v)
+ 25 C
- 40 C
+ 85 C
Frequency (MHz)
-30
-28
-26
-24
-22
-20
2400
2450
2500
RF5570: RF1 to RF3 ISOLATION vs. Frequency
(RF1 Mode: VRF1=2.8v; VRF2=VRF3=0v)
+ 25 C
-40 C
+ 85 C
Frequency (MHz)
-30
-28
-26
-24
-22
-20
2400
2450
2500
RF5570: ANTENNA to RF2 ISOLATION vs. Frequency
(RF1 Mode: VRF1=2.8v; VRF2=VRF3=0v)
+ 25 C
- 40 C
+ 85 C
Frequency (MHz)
-30
-28
-26
-24
-22
-20
2400
2450
2500
Frequency (MHz)
RF5570: RF2 to RF1 ISOLATION vs. Frequency
(RF2 Mode: VRF2=2.8v; VRF1=VRF3=0v)
+ 25 C
-40 C
+ 85 C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com