Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5570 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5570
Description  SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5570 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5570 Datasheet HTML 1Page - RF Micro Devices RF5570 Datasheet HTML 2Page - RF Micro Devices RF5570 Datasheet HTML 3Page - RF Micro Devices RF5570 Datasheet HTML 4Page - RF Micro Devices RF5570 Datasheet HTML 5Page - RF Micro Devices RF5570 Datasheet HTML 6Page - RF Micro Devices RF5570 Datasheet HTML 7Page - RF Micro Devices RF5570 Datasheet HTML 8Page - RF Micro Devices RF5570 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RF5570
DS110527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1ANT
Antenna Port. External DC block required.
2N/C
No Connect
3VRF1
Switch control to enable RF1 to ANT
4RF1
RF port. External DC block required.
5RF2
RF port. External DC block required.
6VRF2
Switch control to enable RF2 to ANT
7VRF3
Switch control to enable RF3 to ANT
8RF3
RF port. External DC block required.
Switch Control Logic
Mode
VRF1
VRF2
VRF3
Condition
RF3
0
0
1
RF3 to ANT
RF2
0
1
0
RF2 to ANT
RF1
1
0
0
RF1 to ANT
RF1/RF2
1
1
0
Simultaneous RF1 and RF2 to ANT
RF1/RF3
1
0
1
Simultaneous RF1 and RF3 to ANT
RF2/RF3
0
1
1
Simultaneous RF2 and RF3 to ANT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com