Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6024
Description  300MHz to 6000MHz Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6024 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6024 Datasheet HTML 1Page - RF Micro Devices RFSW6024 Datasheet HTML 2Page - RF Micro Devices RFSW6024 Datasheet HTML 3Page - RF Micro Devices RFSW6024 Datasheet HTML 4Page - RF Micro Devices RFSW6024 Datasheet HTML 5Page - RF Micro Devices RFSW6024 Datasheet HTML 6Page - RF Micro Devices RFSW6024 Datasheet HTML 7Page - RF Micro Devices RFSW6024 Datasheet HTML 8Page - RF Micro Devices RFSW6024 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150202
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 13
RFSW6024
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL, VEN)
6.0
V
Supply Voltage (VDD)
6.0
V
Maximum CW Input Power
See Table
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
2000
V
Moisture Sensitivity Level
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+105
°C
Operating Junction Temperature
125
°C
Supply Voltage
2.5
3
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
1 & 2
Electrical Specifications, TA = 25°C, VCRTL = 0/+5 VDC,
VDD = +5VDC, 50Ω system.
Operating Frequency Range
300
6000
MHz
Insertion Loss (RFC to RF1/RF2)
0.55
dB
0.3GHz
0.6
dB
1GHz
0.75
1
dB
2GHz
0.9
dB
3GHz
0.9
dB
4GHz
1.1
dB
5GHz
Isolation (RFC to RF1/RF2)
75
dB
0.3GHz
63
dB
1GHz
60
dB
2GHz
60
dB
3GHz
60
dB
4GHz
48
dB
5GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com