Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSW6024
Description  300MHz to 6000MHz Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6024 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSW6024 Datasheet HTML 1Page - RF Micro Devices RFSW6024 Datasheet HTML 2Page - RF Micro Devices RFSW6024 Datasheet HTML 3Page - RF Micro Devices RFSW6024 Datasheet HTML 4Page - RF Micro Devices RFSW6024 Datasheet HTML 5Page - RF Micro Devices RFSW6024 Datasheet HTML 6Page - RF Micro Devices RFSW6024 Datasheet HTML 7Page - RF Micro Devices RFSW6024 Datasheet HTML 8Page - RF Micro Devices RFSW6024 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150202
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 13
RFSW6024
Maximum Operating Power at 85°C, CW
Input
VEN
Power
Theta-J (°C/W)
RFC
Low
33dBm
1
97
2
RFC
High (all off)
31.3dBm
N/A
RF1/2
Low or High
26dBm
100
RF1/2 (Simultaneous)
Low or High
27.8dBm
3
65
Notes:
1.
Assuming load VSWR <3:1, for high VSWR loads this value reduces to 30.5dBm
2.
Applies to resistive loss from insertion loss not including mismatch loss
3.
Total power in both loads being driving simultaneously
Truth Tables
Control Input
Signal Path State
VCTL
VEN
RFC-RF1
RFC-RF2
0
0
Off
On
1
0
On
Off
0
1
Off
Off
1
1
Off
Off
“0” = 0V to 0.63V
“1” = 1.1V to V
DD
VDD = 2.5 to 5.5V, must be applied for all valid states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com