Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6024
Description  300MHz to 6000MHz Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6024 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6024 Datasheet HTML 1Page - RF Micro Devices RFSW6024 Datasheet HTML 2Page - RF Micro Devices RFSW6024 Datasheet HTML 3Page - RF Micro Devices RFSW6024 Datasheet HTML 4Page - RF Micro Devices RFSW6024 Datasheet HTML 5Page - RF Micro Devices RFSW6024 Datasheet HTML 6Page - RF Micro Devices RFSW6024 Datasheet HTML 7Page - RF Micro Devices RFSW6024 Datasheet HTML 8Page - RF Micro Devices RFSW6024 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150202
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 13
RFSW6024
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance -
Continued
Electrical Specifications, TA = 25°C, VCRTL = 0/+5 VDC,
VDD = +5VDC, 50Ω system.
Isolation (RF1 to RF2)
80
dB
0.3GHz
70
dB
1GHz
60
dB
2GHz
53
dB
3GHz
48
dB
4GHz
49
dB
5GHz
Return Loss (RF1/RF2 On-state)
28
dB
0.3GHz
27
dB
1GHz
20
dB
2GHz
20
dB
3GHz
22
dB
4GHz
17
dB
5GHz
Return Loss (RF1/RF2 Off-state)
37
dB
0.3GHz
36
dB
1GHz
30
dB
2GHz
27
dB
3GHz
23
dB
4GHz
20
dB
5GHz
Input IP3
65
dBm
1GHz + 12dBm input power per tone, 1MHz tone spacing
65
dBm
2GHz + 12dBm input power per tone, 1MHz tone spacing
Input 0.1dB Compression Point
36
dBm
1GHz
Input 1dB Compression Point
36
dBm
Settling Time
2
µs
50% Control to internal negative voltage at 90% final value
Start-up Time
10
µs
90% VDD to internal negative voltage at 90% final value
Switching Speed
250
ns
50% control to 10/90% RF
Power Supply
Supply Current (IDD)
140
170
µA
VDD = 5.0V
Control Current (ICTL, IEN)
0.5
5
µA
VCTL = 5.0V
Low Control Voltage (VCTL)
0
0.63
V
1.8V Logic compatible
High Control Voltage (VCTL)
1.1
VDD
V
Notes:
1.
S-parameters have the PCB de-embedded
2.
RF ports need to be at 0V DC. If > 0.5V is present on RF lines, blocking caps are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com