Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6024
Description  300MHz to 6000MHz Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6024 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6024 Datasheet HTML 1Page - RF Micro Devices RFSW6024 Datasheet HTML 2Page - RF Micro Devices RFSW6024 Datasheet HTML 3Page - RF Micro Devices RFSW6024 Datasheet HTML 4Page - RF Micro Devices RFSW6024 Datasheet HTML 5Page - RF Micro Devices RFSW6024 Datasheet HTML 6Page - RF Micro Devices RFSW6024 Datasheet HTML 7Page - RF Micro Devices RFSW6024 Datasheet HTML 8Page - RF Micro Devices RFSW6024 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150202
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 13
RFSW6024
RFSW6024
Absorptive High Isolation SPDT Switch
300MHz to 6000MHz
The RFSW6024 is a Silicon on Insulator (SOI) single-pole, double
throw (SPDT) switch designed for use in cellular, 3G, LTE, and
other high performance communications systems. It offers a high
isolation symmetric topology with excellent linearity and power
handling capability. No blocking caps are necessary on the RF
ports. The design is non-reflective such that RF ports 1 and 2 are
terminated in the off-state. The enable pin allows for a terminated
“all-off state”. The RFSW6024 is 1.8V positive logic compatible.
VCTL
NC
NC
RF1
VDD
RFC
NC
RF2
1
4
3
2
9
5
8
7
6
16
15
14
13
10
11
12
Functional Block Diagram
Ordering Information
RFSW6024SQ
Sample bag with 25 pieces
RFSW6024SR
7" Reel with 100 pieces
RFSW6024TR13
13" Reel with 2500 pieces
RFSW6024PCK-410
300MHz to 6000MHz PCBA with 5-piece sample
bag
Package: QFN, 16-pin,
4.0mm x 4.0mm
Features
■
300MHz to 6000MHz Operation
■
Symmetric SPDT
■
Non-Reflective (RF1, RF2)
■
Terminated All-off State
■
No Blocking Caps Necessary
Unless Voltage on RF Line
■
High Isolation: 60dB at 2GHz
■
High Input IP3: 66dBm
■
2kV ESD
■
1.8V Logic Compatible
Applications
■
Cellular, 3G, LTE Infrastructure
■
WiBro, WiMAx. LTE
■
Wireless Backhaul
■
High Performance
Communications Systems
■
Test Equipment
RFSW6024


Similar Part No. - RFSW6024

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSW6024 QORVO-RFSW6024 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024 PCK-410 QORVO-RFSW6024 PCK-410 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024TR13 QORVO-RFSW6024TR13 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
More results

Similar Description - RFSW6024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5505 AD-ADL5505 Datasheet
1Mb / 20P
450 MHz to 6000Mhz TruPwr Detector
REV. 0
logo
RF Micro Devices
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
SP3T Symmetric Switch, 10MHz to 6000MHz
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com