Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6232 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6232
Description  General Purpose Differential 3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6232 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6232 Datasheet HTML 1Page - RF Micro Devices RFSW6232 Datasheet HTML 2Page - RF Micro Devices RFSW6232 Datasheet HTML 3Page - RF Micro Devices RFSW6232 Datasheet HTML 4Page - RF Micro Devices RFSW6232 Datasheet HTML 5Page - RF Micro Devices RFSW6232 Datasheet HTML 6Page - RF Micro Devices RFSW6232 Datasheet HTML 7Page - RF Micro Devices RFSW6232 Datasheet HTML 8Page - RF Micro Devices RFSW6232 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150623
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFSW6232
Parameter
Specification
Unit
Condition
Min
Typ
Max
900MHz Specifications
–
Continued
Nominal Conditions Unless Otherwise Stated, VDD = 2.7V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended
Input IP2
110
120
dBm
PIN = 20dBm
Input IP3
65
70
dBm
Return Loss (P1, P2, P3)
24.7
dB
900MHz; Active to PC
2000MHz Specifications
Nominal Conditions Unless Otherwise Stated, VDD = 2.7V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended
Frequency
2000
MHz
Insertion Loss (P1, P2 or P3 to PC)
0.42
0.5
dB
2GHz; S1, S2 or S3 Active
Isolation
P1 to P2 or P3
20
22.5
dB
2GHz; S1, S2 or S3 Active
P1, P2 or P3 to PC
20
22.5
dB
2GHz; HI Mode Active
Harmonics
P1, P2 or P3 to PC, 2F0
-85
-104
dBc
2GHz
P1, P2 or P3 to PC, 3F0
-85
-98
dBc
P1, P2 or P3 to PC
-85
-103
dBc
Input IP2
110
120
dBm
PIN = 20dBm, 2GHz
Input IP3
65
70
dBm
Return Loss
P1A, P2A, P3A
20.9
dB
2GHz
P1B, P2B, P3B
20.9
dB
Phase Balance (P1, P2, or P3
–
PC)
-3
1.4
+3
Deg
Test at 1980MHz
2500MHz Specifications
Nominal Conditions Unless Otherwise Stated, VDD = 2.7V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended
Frequency
2500
MHz
Insertion Loss (P1, P2 or P3 to PC)
0.45
0.55
dB
2500MHz; S1, S2 or S3 Active
Isolation
P1 to P2 or P3
16
20.7
dB
2500MHz; S1, S2 or S3 Active
P1, P2 or P3 to PCA
16
21
dB
2500MHz; HI Mode Active
Harmonics
P1, P2 or P3 to PC, 2F0
-85
-98
dBc
2500MHz
P1, P2 or P3 to PC, 3F0
-85
-102
dBc
P1, P2 or P3 to PC, up to
12.75GHz
-85
-103
dBc
Input IP2
– UMTS Mode
110
115
dBm
PIN = 20dBm, 2500MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com